Electronic Components Datasheet Search
  English  ▼

X  

SC16C650B Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC16C650B
Description  5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C650B Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC16C650B Datasheet HTML 35Page - NXP Semiconductors SC16C650B Datasheet HTML 36Page - NXP Semiconductors SC16C650B Datasheet HTML 37Page - NXP Semiconductors SC16C650B Datasheet HTML 38Page - NXP Semiconductors SC16C650B Datasheet HTML 39Page - NXP Semiconductors SC16C650B Datasheet HTML 40Page - NXP Semiconductors SC16C650B Datasheet HTML 41Page - NXP Semiconductors SC16C650B Datasheet HTML 42Page - NXP Semiconductors SC16C650B Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Philips Semiconductors
SC16C650B
UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
39 of 51
9397 750 14451
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 18. Transmit timing.
active
transmitter ready
active
16 baud rate clock
002aaa116
t24d
INT
IOW
active
D0
D1
D2
D3
D4
D5
D6
D7
TX
5 data bits
6 data bits
7 data bits
stop
bit
parity
bit
start
bit
data bits (0 to 7)
next
data
start
bit
t22d
t23d
Fig 19. Transmit ready timing in non-FIFO mode.
D0
D1
D2
D3
D4
D5
D6
D7
TRANSMITTER
NOT READY
002aaa580
NEXT
DATA
START
BIT
STOP
BIT
PARITY
BIT
START
BIT
t27d
TX
TXRDY
IOW
DATA BITS (5-8)
ACTIVE
D0-D7
BYTE #1
ACTIVE
TRANSMITTER READY
t28d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com