Electronic Components Datasheet Search
  English  ▼

X  

SC16C650B Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SC16C650B
Description  5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C650B Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SC16C650B Datasheet HTML 43Page - NXP Semiconductors SC16C650B Datasheet HTML 44Page - NXP Semiconductors SC16C650B Datasheet HTML 45Page - NXP Semiconductors SC16C650B Datasheet HTML 46Page - NXP Semiconductors SC16C650B Datasheet HTML 47Page - NXP Semiconductors SC16C650B Datasheet HTML 48Page - NXP Semiconductors SC16C650B Datasheet HTML 49Page - NXP Semiconductors SC16C650B Datasheet HTML 50Page - NXP Semiconductors SC16C650B Datasheet HTML 51Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
Philips Semiconductors
SC16C650B
UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
49 of 51
9397 750 14451
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
13. Revision history
Table 30:
Revision history
Rev Date
CPCN
Description
03
20041210
-
Product data (9397 750 14451)
Modifications:
• There is no modification to the data sheet. However, reader is advised to refer to
AN10333 (Rev. 02) “SC16CXXXB baud rate deviation tolerance” (9397 750 14411)
that was released together with this revision.
02
20040603
-
Product data (9397 750 13317)
01
20040330
-
Product data (9397 750 11994)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com