Electronic Components Datasheet Search
  English  ▼

X  

MP1740 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1740
Description  3W High Efficiency Mono Class-D Audio Amplifer EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1740 Datasheet HTML 1Page - Monolithic Power Systems MP1740 Datasheet HTML 2Page - Monolithic Power Systems MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV1740EC-00A – 3W HIGH EFFICIENCY MONO CLASS D AUDIO AMPLIFIER EVB
EV1740EC-00A Rev. 1.0
www.MonolithicPower.com
3
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
SCHEMATICS FOR TEST
NOT NEEDED FOR ACTUAL APPLICATION
BILL OF MATERIALS FOR TEST
Qty
Ref
Value
Description
Package
Manufacture
Part Number
2
C1, C2
0.22uF
Ceramic Cap, X7R, 16V
0603
muRata
GRM188R71C224KA01
2
C3, C5
0.22uF
Ceramic Cap, X7R, 50V
0805
TDK
C2012X7R1H224K
1
C4
10uF
Electrolytic Cap, 50V
Radial
Rubycon
2
C6, C7
(1)
0.47uF
Ceramic Cap, X7R, 16V
0603
muRata
GRM188R71C474KA88D
2
R1, R2
150kΩ
Ceramic Res, 1%
0603
Yageo
RC0603FR-07150KL
1
R3
150kΩ
Ceramic Res, 5%
0603
0603SAJ01154TSE
2
L1, L2
(1)
33uH
Inductor 1.3A
DS75LC
TOKO
DS75LC-B1047AS-330M
1
CN1
CONN/4PIN/0.100
1
CN2
Phono Jack, Female
RCA
Jack
1
SP1
Speaker Connector/1CH
1
JP1
JUMPER/2PIN
1
JP2
JUMPER/2PIN
1
U1
Amplifier
WLCSP
MPS
MP1740EC
Note:
1). These external components are used for performance test. For audio performance test, a LC low-pass filter is required even if the
analyzer has a low-pass filter. They are not needed for actual application..



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com