Electronic Components Datasheet Search
  English  ▼

X  

MP1740 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1740
Description  3W High Efficiency Mono Class-D Audio Amplifer EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1740 Datasheet HTML 1Page - Monolithic Power Systems MP1740 Datasheet HTML 2Page - Monolithic Power Systems MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EV1740EC-00A – 3W HIGH EFFICIENCY MONO CLASS D AUDIO AMPLIFIER EVB
EV1740EC-00A Rev. 1.0
www.MonolithicPower.com
5
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
QUICK START GUIDE
This board is set up from the factory for MP1740EC evaluation, which is a mono BTL low-power
class-D audio amplifier (see Figure 5).
For audio performance test, the LC low-pass filter is required even if the analyzer has a low-pass
filter. So please use TP1 and TP2 for output terminals (see Figure 6).
For more information, consult the MP1740 datasheet.
GND VCC
Audio
Input
MPS
Monolithic Power Systems
MP1740 Demo Board
EV 1740EC-00A
Www.monolithicpower.com
Made in China
OUT-
OUT+
JP1 EXT_EN
JP2
GND VCC
Figure 5. Connection for Mono BTL output (Top viewer)
GND VCC
BOE
BS3000 Demo Board
BS3000-00A
TP2
TP1
+
-
Measurement
Input
Measurement
Output
OUT
IN
Load
Resistor
Figure 6. Connection for Audio Performance Test measure (Bottom viewer)
1. Setup Condition for 5V Operation
a
Ensure that all external power sources are set to off.
b
Adjust the power supply to 5V (do not turn on).
c
Connect the power supply to the VCC terminals.
d
Ensure that the audio input signal source level is set to minimum.
e
Connect the audio input signal source to the amplifier inputs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com