Electronic Components Datasheet Search
  English  ▼

X  

MP1740 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1740
Description  3W High Efficiency Mono Class-D Audio Amplifer EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1740 Datasheet HTML 1Page - Monolithic Power Systems MP1740 Datasheet HTML 2Page - Monolithic Power Systems MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV1740EC-00A
3W High Efficiency
Mono Class-D Audio Amplifer EV Board
EV1740EC-00A Rev.1.0
www.MonolithicPower.com
1
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV1740EC-00A is the evaluation board for
the MP1740, a low-power mono BTL class-D
audio amplifier. It is one of MPS’s products in a
very small WLCSP package, high efficiency,
and full bridge output structure capable of
delivering 3W into 4Ω speaker.
The gain of this module is set at 2V/V, and can
be easily programmed by changing the input
resistors.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VIN
2.5 – 5.5
V
FEATURES
• 3W Into 4Ω with 5 V VIN @ 10% THD+N
• Up to 90% Efficiency
• 2.5V~5.5V Operation from a Single Supply
• Module gain is set at 2V/V
• THD+N = 0.1% @ 1.8W, 5V, 4Ω
• Internal 250kHz Switching frequency
• Low Noise (53μV Typical) with 5V VCC
• 2mA Quiescent Current and 0.5μA
Shutdown Current
• Internal thermal and short-circuit protection
• Internal depop circuitry
APPLICATIONS
• Wireless or Cellular Handsets·
• PDAs·
• Portable Audio
EV1740EC-00A EVALUATION BOARD
(L x W x H) 1.86” x 1.86” x 0.78”
(4.72cm x 4.72cm x 2.0cm)
Board Number
IC Number
EV1740EC-00A
MP1740
TND+N vs. POUT
fs=1kHz, VCC=5V, Gain=2V/V
No Weighting
POUT (W)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
60m
4
100m 200m 300m 500m
1
2
3


Similar Part No. - MP1740

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1740EC MPS-MP1740EC Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
More results

Similar Description - MP1740

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP7740 MPS-MP7740 Datasheet
457Kb / 12P
15W Class D Mono Single Ended Audio Amplifer
MP7741 MPS-MP7741 Datasheet
507Kb / 14P
10W Class D Mono Single Ended Audio Amplifer
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 2
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com