Electronic Components Datasheet Search
  English  ▼

X  

MP2229GQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2229GQ
Description  High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229GQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2229GQ Datasheet HTML 1Page - Monolithic Power Systems MP2229GQ Datasheet HTML 2Page - Monolithic Power Systems MP2229GQ Datasheet HTML 3Page - Monolithic Power Systems MP2229GQ Datasheet HTML 4Page - Monolithic Power Systems MP2229GQ Datasheet HTML 5Page - Monolithic Power Systems MP2229GQ Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV2229-Q-00A–21V, 6A, SYNCHRONOUS STEP-DOWN CONVERTER EVALUATION BOARD
EV2229-Q-00A Rev. 1.1
www.MonolithicPower.com
2
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV2229-Q-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
22μF
Ceramic Cap., 25V, X5R
1206
Murata
GRM31CR61E226KE15L
1
C1A
10μF
Ceramic Cap., 25V, X5R
1206
Murata
GRM31CR61E106KA12L
1
C1B
0.1μF
Ceramic Cap., 25V, X7R
0603
Murata
GRM188R71E104KA01D
3
C2,C2A
C2B
22μF
Ceramic Cap., 10V, X7R
1206
Murata
GRM31CR71A226KE15L
2
C3,C5
0.1μF
Ceramic Cap., 16V, X7R
0603
Murata
GRM188R71C104KA01D
1
C4
22nF
Ceramic Cap., 50V, X7R
0603
Murata
GRM188R71H223KA01D
0
C6
NS
0603
1
C7
10pF
Ceramic Cap., 50V, C0G
0603
Murata
GRM1885C1H100JA01D
1
R1
20kΩ
Film Res., 1%
0603
YAGEO
RC0603FR-0720KL
2
R2,R4
30kΩ
Film Res., 1%
0603
YAGEO
RC0603FR-0730KL
1
R3
68kΩ
Film Res., 1%
0603
YAGEO
RC0603FR-0768KL
2
R5, R10
10Ω
Film Res., 1%
0603
YAGEO
RC0603FR-0710RL
2
R6, R8
100KΩ
Film Res., 1%
0603
YAGEO
RC0603FR-07100KL
1
R7
6.8KΩ
Film Res., 1%
0603
YAGEO
RC0603FR-076K8L
0
R9
NS
0603
1
L1
1μH
DCR=4.6mΩ, Is=19A
SMD
Wurth
744311100
1
U1
MP2229
Step-Down Converter
QFN14-
3x3mm
MPS
MP2229GQ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com