Electronic Components Datasheet Search
  English  ▼

X  

MP2229GQ Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2229GQ
Description  High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229GQ Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP2229GQ Datasheet HTML 1Page - Monolithic Power Systems MP2229GQ Datasheet HTML 2Page - Monolithic Power Systems MP2229GQ Datasheet HTML 3Page - Monolithic Power Systems MP2229GQ Datasheet HTML 4Page - Monolithic Power Systems MP2229GQ Datasheet HTML 5Page - Monolithic Power Systems MP2229GQ Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV2229-Q-00A–21V, 6A, SYNCHRONOUS STEP-DOWN CONVERTER EVALUATION BOARD
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV2229-Q-00A Rev. 1.0
www.MonolithicPower.com
6
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive terminal of the load to VOUT pin, and the negative terminal of the load to
GND pin.
2. Preset the power supply output to 4.5V-21V and turn off the power supply.
3. Connect the positive terminal of the power supply output to the VIN pin and the negative
terminal of the power supply output to the GND pin.
4. Turn the power supply on. The MP2229 will automatically startup.
5. To use the Enable function, apply a digital input to EN pin. Drive EN higher than 1.7V to turn on
the regulator, drive EN less than 0.9V to turn it off.
6. To use the external synchronous function to adjust the switching frequency, apply an external
clock signal to FREQ/SYNC pin through 10pF AC coupling capacitor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com