Electronic Components Datasheet Search
  English  ▼

X  

MP2229GQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2229GQ
Description  High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229GQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2229GQ Datasheet HTML 1Page - Monolithic Power Systems MP2229GQ Datasheet HTML 2Page - Monolithic Power Systems MP2229GQ Datasheet HTML 3Page - Monolithic Power Systems MP2229GQ Datasheet HTML 4Page - Monolithic Power Systems MP2229GQ Datasheet HTML 5Page - Monolithic Power Systems MP2229GQ Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV2229-Q-00A
High Efficiency 21V, 6A,Synchronous
Step-Down Converter Evaluation Board
EV2229-Q-00A Rev. 1.1
www.MonolithicPower.com
1
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2229-Q-00A is the evaluation board for
MP2229,
a
high-frequency
synchronous
rectified step-down switch mode converter with
internal power MOSFETs. It offers a very
compact solution to achieve 6A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP2229 has synchronous mode operation for
higher efficiency over the output current load
range.
Current mode operation provides fast transient
response and eases loop stabilization. Full
protection
features
include
over-current
protection and thermal shutdown.
The MP2229 requires a minimal number of
readily-available standard external components
and is available in a space saving 3mm x 3mm
14-pin QFN package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5-21
V
Output Voltage
VOUT
1
V
Output Current
IOUT
6
A
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 6A Output Current
• Low 40mΩ/18mΩ RDS(ON) of Internal Power
MOSFETs
• Programmable Switching Frequency
• Frequency SYNC from 300kHz to 2MHz
External Clock
• Low Power Mode Selectable by External
Signal
• External Soft Start
• Pre-Bias Startup
• OCP with Hiccup Mode
• Thermal Shutdown
• Output Adjustable from 0.6V
• Available in QFN-14 (3mmx3mm) Package
APPLICATIONS
• DSL Modems
• Cable Modems
• Set -Top Boxes
• Telecom
• Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV2229-Q-00A EVALUATION BOARD
Board Number
MPS IC Number
EV2229-Q-00A
MP2229GQ
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10


Similar Part No. - MP2229GQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2229GQ MPS-MP2229GQ Datasheet
2Mb / 22P
High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
More results

Similar Description - MP2229GQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8726 MPS-MP8726 Datasheet
481Kb / 14P
21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
EV2276-D-00A MPS-EV2276-D-00A Datasheet
1Mb / 8P
High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
EVQ8616-L-6-00A MPS-EVQ8616-L-6-00A Datasheet
708Kb / 10P
High Efficiency, 6A, 6V Synchronous Step-down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com