Electronic Components Datasheet Search
  English  ▼

X  

LTC2966 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2966
Description  100V Micropower Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2966 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2966 Datasheet HTML 9Page - Linear Technology LTC2966 Datasheet HTML 10Page - Linear Technology LTC2966 Datasheet HTML 11Page - Linear Technology LTC2966 Datasheet HTML 12Page - Linear Technology LTC2966 Datasheet HTML 13Page - Linear Technology LTC2966 Datasheet HTML 14Page - Linear Technology LTC2966 Datasheet HTML 15Page - Linear Technology LTC2966 Datasheet HTML 16Page - Linear Technology LTC2966 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2966
13
2966fc
For more information www.linear.com/LTC2966
APPLICATIONS INFORMATION
current specifications. When the status outputs are low,
power is dissipated in the pull-up resistors. An internal
pull-up is present if the OUT pins are left floating or if
low power consumption is required. The internal pull-up
resistor does not draw current if an external resistor pulls
OUT up to a voltage greater than VOH.
If PS is connected to ground, the comparator output is
noninverting. This means that OUT pulls low when VIN
falls below the scaled INL voltage. OUT is released after
VIN rises above the scaled INH voltage. Likewise, if PS
is connected to REF or a voltage >VTH, the comparator
output is inverting. This means that OUT pulls low when
VIN rises above the scaled INH voltage and is released
when VIN falls below the scaled INL voltage.
If both VIN pins fall below the UVLO threshold minus hys-
teresis, the outputs are pulled to ground. The outputs are
guaranteed to stay low for VINA ≥ VINB ≥ 1.25V regardless
of the output logic configuration.
It is recommended that circuit board traces associated
with the OUT pin be located on a different layer than those
associated with the INH/INL and REF pins where possible
to avoid capacitive coupling.
Hot Swap Events
The LTC2966 can withstand high voltage transients up
to 140V. However, when a supply voltage is abruptly
connected to the input resonant ringing can occur as a
result of series inductance. The peak voltage could rise
to 2x the input supply, but in practice can reach 2.5x if
a capacitor with a strong voltage coefficient is present.
Circuit board trace inductances of as little as 10nH can
produce significant ringing. Ringing beyond the absolute
maximum specification can be destructive to the part and
shouldbeavoidedwheneverpossible.Oneeffectivemeans
to eliminate ringing seen at the VIN pins and to protect the
part is to include a 1kΩ to 5kΩ resistance between the
monitored voltage and the VIN pin as shown in Figure 6.
This provides damping for the resonant circuit. If there
is a decoupling capacitor on the VINA/VINB pins the time
constant formed by the RC network should be considered.
Figure 4. Reducing VIN Threshold Error
Figure 5. Disabling a Channel
Disabling a Channel
Figure 5 shows the proper technique for disabling a chan-
nel.Table4summarizesthecorrectconnections.Correctly
disabling an unused channel prevents its comparator
output from chattering and introducing unwanted noise
in the system.
Table 4. Disabling a Channel
PIN
CONNECT TO
VIN
GND
INH
REF
INL
GND
RS1
GND or REF
RS2
GND or REF
PS
GND or REF
OUT
Open
VIN
VIN
LTC2966
GND
REF
1µF
INH
INL
2966 F04
LT6656-2.048
OUT
R2
200k
0.1%
R1
1.8M
0.1%
R3
47.5k
0.1%
R4
10k
IN
GND
Output Configuration with Polarity Selection
TheOUTpinmaybeusedwithawiderangeofuser-defined
voltages up to 100V with an external resistor. Select a
resistor compatible with desired output rise time and load
VINA
GND
1/2 LTC2966
OPEN
REF
INHA
INLA
OUTA
RS1A
RS2A
PSA
OPEN
2966 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com