Electronic Components Datasheet Search
  English  ▼

X  

LTC2966 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2966
Description  100V Micropower Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2966 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2966 Datasheet HTML 12Page - Linear Technology LTC2966 Datasheet HTML 13Page - Linear Technology LTC2966 Datasheet HTML 14Page - Linear Technology LTC2966 Datasheet HTML 15Page - Linear Technology LTC2966 Datasheet HTML 16Page - Linear Technology LTC2966 Datasheet HTML 17Page - Linear Technology LTC2966 Datasheet HTML 18Page - Linear Technology LTC2966 Datasheet HTML 19Page - Linear Technology LTC2966 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2966
20
2966fc
For more information www.linear.com/LTC2966
LINEAR TECHNOLOGY CORPORATION 2015
LT 0817 REV C • PRINTED IN USA
www.linear.com/LTC2966
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1326
Micropower Triple Supply Monitor for 5V/2.5V, 3.3V and ADJ
4.725V, 3.118V, 1V Threshold (±0.75%) and ADJ
LTC1440/LTC1441/
LTC1442
Ultralow Power Single/Dual Comparator with Reference
Adjustable Hysteresis, 3mm × 3mm × 0.75mm DFN Package
LTC1726/LTC1727/
LTC1728
Micropower Triple Supply Monitor
Adjustable Reset and Watchdog Timeouts
LTC1985
Micropower Triple Supply Monitor with Push-Pull Reset Output
5-Lead SOT-23 Package
LTC2900/LTC2901/
LTC2902
Programmable Quad Supply Monitor
Adjustable Reset, Watchdog Timer and Tolerance,
10-Lead MSOP and DFN Packages
LTC2903
Precision Quad Supply Monitor
6-Lead SOT-23 and DFN Packages
LTC2904/LTC2905/
LTC2906/LTC2907
Three-State Programmable Precision Dual Supply Monitor
8-Lead SOT-23 and DFN Packages
LTC2908
Precision Six-Supply Monitor (Four Fixed and Two Adjustable)
8-Lead TSOT-23 and DFN Packages
LTC2909/LTC2919 Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
Shunt Regulated VCC Pin, Adjustable Threshold and Reset
LTC2910
Octal Positive/Negative Voltage Monitor
Separate VCC Pin, Eight Inputs, Up to Two Negative Monitors
Adjustable Reset Timer, 16-Lead SSOP and DFN Packages
LTC2912/LTC2913/
LTC2914
Single/Dual/Quad UV and OV Voltage Monitors
Separate VCC Pin, Adjustable Reset Timer
LTC2915/LTC2916/
LTC2917/LTC2918
Single Voltage Supervisors with 27 Pin-Selectable Thresholds
Manual Reset and Watchdog Functions, 8- and 10-Lead
TSOT-23, MSOP and DFN Packages
LTC2965
100V Micropower Single Voltage Monitor
3.5V to 98V Monitoring Range, 3.5V to 100V Operating Range,
7µA Quiescent Current
LTC2960
36V Nano-Current Two Input Voltage Monitor
36V, 850nA Quiescent Current, 2mm × 2mm 8-Lead DFN and
TSOT-23 Packages
LT6700
Micropower Dual Comparator with 400mV Reference
SOT-23, 2mm × 3mm DFN Package
Figure 12. Monitoring Negative Voltage with Isolation
VINA
R5
10k
R6
1k
2966 F12
REF
–48V
RTN
INHA
INLA
INHB
INLB
OUTA
OUTB
LTC2966
R9
100k
R10
100k
R4
66.5k
C1
1000pF
10V
R3
33.2k
R2
66.5k
R1
232k
VINB
4N25
4.2mA
AT –48V
4.2mA
AT –48V
5V
UV
OV
5V
SYS
R7
10k
R8
1k
4N25
–48V UV/OV MONITOR
CHANNEL
RISING THRESHOLD
FALLING THRESHOLD
HYSTERESIS
RANGE
A
–40.0V
–36.0V
–4.0V
20x
B
–72.0V
–56.0V
–16.0V
40x
GND
PSA RS1A RS2A PSB RS1B RS2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com