Electronic Components Datasheet Search
  English  ▼

X  

LTC2966 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2966
Description  100V Micropower Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2966 Datasheet(HTML) 2 Page - Linear Technology

  LTC2966 Datasheet HTML 1Page - Linear Technology LTC2966 Datasheet HTML 2Page - Linear Technology LTC2966 Datasheet HTML 3Page - Linear Technology LTC2966 Datasheet HTML 4Page - Linear Technology LTC2966 Datasheet HTML 5Page - Linear Technology LTC2966 Datasheet HTML 6Page - Linear Technology LTC2966 Datasheet HTML 7Page - Linear Technology LTC2966 Datasheet HTML 8Page - Linear Technology LTC2966 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2966
2
2966fc
For more information www.linear.com/LTC2966
ABSOLUTE MAXIMUM RATINGS
Input Voltages
VINA, VINB ............................................ –0.3V to 140V
PSA, PSB, RS1A, RS1B, RS2A, RS2B...... –0.3V to 6V
INHA, INHB, INLA, INLB .......................... –0.3V to 6V
Output Voltages
OUTA, OUTB ........................................ –0.3V to 140V
Average Currents
VINA, VINB ........................................................–20mA
OUTA, OUTB ......................................................±5mA
REF ....................................................................±5mA
INHA, INHB, INLA, INLB ....................................–1mA
(Notes 1, 2)
ORDER INFORMATION
LEAD FREE FINISH
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2966CUD#PBF
LTC2966CUD#TRPBF
LGMG
16-Lead (3mm × 3mm) Plastic QFN
0°C to 70°C
LTC2966IUD#PBF
LTC2966IUD#TRPBF
LGMG
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LTC2966HUD#PBF
LTC2966HUD#TRPBF
LGMG
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC2966CSW#PBF
LTC2966CSW#TRPBF
LTC2966SW
20-Lead Plastic Small Outline (Wide .300 Inch) 0°C to 70°C
LTC2966ISW#PBF
LTC2966ISW#TRPBF
LTC2966SW
20-Lead Plastic Small Outline (Wide .300 Inch) –40°C to 85°C
LTC2966HSW#PBF
LTC2966HSW#TRPBF
LTC2966SW
20-Lead Plastic Small Outline (Wide .300 Inch) –40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Operating Ambient Temperature Range
LTC2966C................................................ 0°C to 70°C
LTC2966I .............................................–40°C to 85°C
LTC2966H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
REF
INHA
INLA
RS1A
GND
INHB
INLB
RS1B
TJMAX = 150°C, θJA = 68°C/W
EXPOSED PAD (PIN 17) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
6
7
8
9
10
TOP VIEW
SW PACKAGE
20-LEAD PLASTIC SO
20
19
18
17
16
15
14
13
12
11
VINA
NC
OUTA
NC
REF
INHA
INLA
RS1A
RS2A
PSA
VINB
NC
OUTB
NC
GND
INHB
INLB
RS1B
RS2B
PSB
TJMAX = 150°C, θJA = 35°C/W
PIN CONFIGURATION
http://www.linear.com/product/LTC2966#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com