Electronic Components Datasheet Search
  English  ▼

X  

LTC3331 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3331
Description  Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3331 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3331 Datasheet HTML 16Page - Linear Technology LTC3331 Datasheet HTML 17Page - Linear Technology LTC3331 Datasheet HTML 18Page - Linear Technology LTC3331 Datasheet HTML 19Page - Linear Technology LTC3331 Datasheet HTML 20Page - Linear Technology LTC3331 Datasheet HTML 21Page - Linear Technology LTC3331 Datasheet HTML 22Page - Linear Technology LTC3331 Datasheet HTML 23Page - Linear Technology LTC3331 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTC3331
20
3331fc
For more information www.linear.com/LTC3331
time by allowing the battery to fully discharge before the
disconnectevent.Conversely,byincreasingthelowbattery
disconnect threshold more capacity remains following the
disconnecteventwhichextendstheshelflifeofthebattery.
For maximum run time, tie LBSEL to GND. For extended
shelf life, tie LBSEL to the common BAT_OUT = BB_IN
node. If a high peak current event is expected, users may
temporarily select the lower disconnect threshold. This
avoids disconnecting the battery too early when the load
worksagainstthebatteryseriesresistanceandtemporarily
reduces the common BAT_OUT = BB_IN node.
Ship Mode
A ship mode is provided which manually disconnects the
battery. This may be useful to prevent discharge of the bat-
tery in situations when no harvestable energy is expected
for a long period of time such as during shipping. Bring
the SHIP pin high to engage ship mode. The low battery
disconnect PMOS will turn off, disconnecting the battery
at BAT_IN from the common BAT_OUT = BB_IN node. If
no harvestable energy is present to hold up the common
BAT_OUT = BB_IN node that voltage will collapse. Typi-
cally an additional 1µA of quiescent current will appear
on BB_IN while SHIP mode is engaged.
To exit SHIP mode first bring the SHIP pin low. If the
BB_IN voltage had collapsed while in SHIP mode it must
now be brought above the LBC threshold to reconnect
the battery. This can be done manually or from an energy
harvesting charging source. If harvestable energy had
been propping up the common BAT_OUT = BB_IN node
voltage above the LBC threshold then the battery will be
connected immediately.
Prioritizer
TheinputprioritizerontheLTC3331decideswhethertouse
the energy harvesting input or the battery input to power
VOUT. If a battery is powering the buck-boost converter
and harvested energy causes a UVLO rising transition on
VIN, the prioritizer will shut off the buck-boost and turn on
the buck, orchestrating a smooth transition that maintains
regulation of VOUT.
OPERATION
When harvestable energy disappears, the prioritizer will
first poll the BB_IN voltage. If the BB_IN voltage is above
1.8Vtheprioritizerwillswitchbacktothebuck-boostwhile
maintaining regulation. If the BB_IN voltage is below 1.8V
thebuck-boostisnotenabledandVOUTcannotbesupported
until harvestable energy is again available. If the battery
is connected then the BB_IN voltage will be above 1.8V
for every float and LBSEL combination. If the battery is
disconnected the BB_IN voltage will have collapsed below
1.8V and the prioritizer will not switch to the buck-boost
when harvestable energy goes away. In the event that the
battery is depleted and is disconnected while powering
the buck-boost the prioritizer will not switch back to VIN
until harvested energy is again available.
If either BB_IN or VIN is grounded, the prioritizer allows
the other input to run if its input is high enough for op-
eration. The specified quiescent current in UVLO is valid
upon start-up of the VIN input and when the battery has
taken over regulation of the output. If the battery is less
than 1.8V when UVLO is entered and the prioritizer does
not enable the buck-boost several hundred nanoamperes
of additional quiescent current will appear on VIN.
When the prioritizer selects the VINinputthecurrentonthe
BB_IN input drops to 200nA. However, if the voltage on
BB_IN is higher than VIN2, a fraction of the VIN quiescent
current will appear on BB_IN due to internal level shifting.
This only affects a small range of battery voltages and
UVLO settings.
A digital output, EH_ON, is low when the prioritizer has
selected the BB_IN input and is high when the prioritizer
hasselectedtheVINinput.TheEH_ONoutputisreferenced
to VIN3.
Supercapacitor Balancer
An integrated supercapacitor balancer with 150nA of
quiescent current is available to balance a stack of two
supercapacitors. Typically the input, SCAP, will tie to
VOUT to allow for increased energy storage at VOUT with
supercapacitors. The BAL pin is tied to the middle of the
stack and can source and sink 10mA to regulate the BAL
pin’s voltage to half that of the SCAP pin’s voltage. To
disable the balancer and its associated quiescent current
the SCAP and BAL pins can be tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com