Electronic Components Datasheet Search
  English  ▼

X  

LTC3331 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3331
Description  Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3331 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3331 Datasheet HTML 18Page - Linear Technology LTC3331 Datasheet HTML 19Page - Linear Technology LTC3331 Datasheet HTML 20Page - Linear Technology LTC3331 Datasheet HTML 21Page - Linear Technology LTC3331 Datasheet HTML 22Page - Linear Technology LTC3331 Datasheet HTML 23Page - Linear Technology LTC3331 Datasheet HTML 24Page - Linear Technology LTC3331 Datasheet HTML 25Page - Linear Technology LTC3331 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTC3331
22
3331fc
For more information www.linear.com/LTC3331
AsecondpiezomaybeconnectedfromAC2toground.This
may be of use if the second piezo is mechanically tuned
to a different resonant frequency present in the system
than the first piezo. To achieve maximum power transfer
from the piezo with the doubler the UVLO window should
be set to the open circuit voltage of the piezo.
Piezoelectric elements are available from the manufactur-
ers listed in Table 5.
Table 5. Piezoelectric Element Manufacturers
Advanced Cerametrics
www.advancedcerametrics.com
Piezo Systems
www.piezo.com
Measurement Specialties
www.meas-spec.com
PI (Physik Instrumente)
www.pi-usa.us
MIDE Technology Corporation
www.mide.com
Morgan Technical Ceramics
www.morganelectroceramics.com
Electromagnetic Energy Harvesting
Another alternative AC source is an electromagnetic vibra-
tion harvester in which a magnet vibrating inside a coil
induces an AC voltage and current in the coil that can then
be rectified and harvested by the LTC3331. The vibration
could be ambient to the system or it could be caused by
an impulse as in a spring loaded switch.
Solar Energy Harvesting
The LTC3331 can harvest solar energy as the bridge recti-
fier can be used to provide reverse protection for a solar
panel. A solar cell produces current in proportion to the
amountoflightfallingonit.Figure5showstherelationship
between current and voltage for a solar panel illuminated
with several levels of light. The maximum power output
occurs near the knee of each curve where the cell transi-
tions from a constant current device to a constant voltage
GND
LTC3331
PIEZO MODEL
VIN
CIN
AC1
3331 F04
IP sin(ωt)
CP
Figure 4. LTC3331 Voltage Doubler Configuration
device. Fortunately, the peak power point doesn’t change
much with illumination and an appropriate UVLO window
can be selected so that the panel operates near the peak
power point for a majority of light conditions.
Two solar panels can be connected to the LTC3331, one
fromAC1togroundandanotherfromAC2toground.Each
panel could be aimed in a different direction to capture
light from different angles or at different times of the day
as the sun moves. The panels should be similar so that
the selected UVLO window is optimal for both panels.
BB_IN/BAT_OUT, BAT_IN, VIN, and VOUT Capacitors
The input to the buck-boost, BB_IN, must be connected to
BAT_OUTforproperoperation.BAT_OUTistheoutputside
of the low battery disconnect switch. The series resistance
of this switch must be considered when selecting a bypass
capacitorforthecommonBAT_OUT=BB_INnode.Atleast
4.7μF to GND or greater should be used. For the higher
IPEAK_BB settings the capacitor may need to be larger to
smooth the voltage at the common BAT_OUT = BB_IN
node. The goal is to average the input current to the buck
boost so that the voltage droop at the common BAT_OUT
= BB_IN node is minimized.
A bypass capacitor of 1µF or greater can also be placed
at the BAT_IN pin. In cases where the series resistance of
the battery is high, a larger capacitor may be desired to
handle transients.
Figure 5. Typical Solar Panel Characteristics
VPANEL (V)
0
500
400
300
200
100
0
1500
1200
900
600
300
0
2
3
4
5
3331 F05
6
1
SANYO 1815 SOLAR PANEL
1800 LUX
500 LUX
200 LUX
1000 LUX
PANEL CURRENT
PANEL POWER
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com