Electronic Components Datasheet Search
  English  ▼

X  

LTC4078 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4078
Description  Dual Input Li-Ion Battery Charger with Overvoltage Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4078 Datasheet(HTML) 2 Page - Linear Technology

  LTC4078 Datasheet HTML 1Page - Linear Technology LTC4078 Datasheet HTML 2Page - Linear Technology LTC4078 Datasheet HTML 3Page - Linear Technology LTC4078 Datasheet HTML 4Page - Linear Technology LTC4078 Datasheet HTML 5Page - Linear Technology LTC4078 Datasheet HTML 6Page - Linear Technology LTC4078 Datasheet HTML 7Page - Linear Technology LTC4078 Datasheet HTML 8Page - Linear Technology LTC4078 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4078/LTC4078X
2
4078xfb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (DCIN, USBIN) ............–0.3 to 22V
ENABLE, CHRG, PWR, BATDET, BAT ...............–0.3 to 6V
IDC, IUSB, ITERM Pin Current .................................1mA
DCIN, USBIN, BAT Pin Current....................................1A
BAT Short-Circuit Duration............................ Continuous
Maximum Junction Temperature........................... 125°C
Operating Temperature Range (Note 2).... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
11
4
5
3
2
1
DCIN
BAT
IDC
BATDET
ENABLE
USBIN
IUSB
ITERM
PWR
CHRG
TJMAX = 125°C, θJA = 40°C/W (Note 3)
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDCIN
Operating Supply Voltage
l
4.3
5.5
V
VUSBIN
Operating Supply Voltage
l
4.3
5.5
V
IDCIN
DCIN Supply Current
Charge Mode (Note 4), RIDC = 10k
Standby Mode; Charge Terminated
Shutdown Mode (ENABLE = 5V)
Overvoltage Mode (VDCIN = 10V)
l
l
350
70
40
70
800
120
80
140
μA
μA
μA
μA
IUSBIN
USBIN Supply Current
Charge Mode (Note 5), RIUSB = 10k, VDCIN = 2V
Standby Mode; Charge Terminated, VDCIN = 2V
Shutdown (VDCIN = 2V, ENABLE = 0V)
Overvoltage Mode (VUSBIN = 10V)
VDCIN > VUSBIN
l
l
350
70
40
70
23
800
120
80
140
40
μA
μA
μA
μA
μA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 1mA
IBAT = 1mA, 0°C < TA < 85°C
4.185
4.165
4.2
4.2
4.215
4.235
V
V
IBAT
BAT Pin Current
RIDC = 1.25k, Constant-Current Mode
RIUSB = 2.1k, Constant-Current Mode
RIDC = 10k or RIUSB = 10k
Standby Mode, Charge Terminated
Shutdown Mode (Charger Disabled)
Sleep Mode (VDCIN = 0V, VUSBIN = 0V)
l
l
l
770
455
93
800
476
100
–7.5
–7.5
–7.5
830
495
107
–12
–12
–12
mA
mA
mA
μA
μA
μA
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4078XEDD#PBF
LTC4078XEDD#TRPBF
LCYP
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4078EDD#PBF
LTC4078EDD#TRPBF
LDJY
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com