Electronic Components Datasheet Search
  English  ▼

X  

LTC4078 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4078
Description  Dual Input Li-Ion Battery Charger with Overvoltage Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4078 Datasheet(HTML) 4 Page - Linear Technology

  LTC4078 Datasheet HTML 1Page - Linear Technology LTC4078 Datasheet HTML 2Page - Linear Technology LTC4078 Datasheet HTML 3Page - Linear Technology LTC4078 Datasheet HTML 4Page - Linear Technology LTC4078 Datasheet HTML 5Page - Linear Technology LTC4078 Datasheet HTML 6Page - Linear Technology LTC4078 Datasheet HTML 7Page - Linear Technology LTC4078 Datasheet HTML 8Page - Linear Technology LTC4078 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4078/LTC4078X
4
4078xfb
TYPICAL PERFORMANCE CHARACTERISTICS
IUSB Pin Voltage vs Temperature
(Constant-Current Mode)
Charge Current
vs IDC Pin Voltage
Charge Current
vs IUSB Pin Voltage
PWR Pin I-V Curve
CHRG Pin I-V Curve
Regulated Output (Float) Voltage
vs Charge Current
Regulated Output (Float) Voltage
vs Temperature
IDC Pin Voltage vs Temperature
(Constant-Current Mode)
TA = 25°C, unless otherwise specified.
IBAT (mA)
0
4.20
4.22
900
800
700
600
500
400
300
200
100
4078x G01
4.18
4.16
4.10
4.12
4.14
4.26
4.24
VDCIN = VUSBIN = 5V
RIDC = 1.24k
RIDC = RIUSB = 2k
TEMPERATURE (°C)
–10
4.210
90
70
50
30
10
4078x G02
4.180
4.220
4.215
4.200
4.205
4.190
4.195
4.185
VDCIN = VUSBIN = 5V
TEMPERATURE (°C)
–10
1.004
90
70
50
30
10
4078x G03
0.992
1.008
1.006
1.000
1.002
0.996
0.998
0.994
VDCIN = 5V
TEMPERATURE (°C)
–10
1.004
90
70
50
30
10
4078x G04
0.992
1.008
1.006
1.000
1.002
0.996
0.998
0.994
VUSBIN = 5V
VIDC (V)
0
1.2
0.8
1.0
0.6
0.4
0.2
4078x G05
0
900
800
700
600
500
400
300
200
100
VDCIN = 5V
RIDC = 1.24k
RIDC = 2k
RIDC = 10k
VIUSB (V)
0
1.2
0.8
1.0
0.6
0.4
0.2
4078x G06
0
900
800
700
600
500
400
300
200
100
VUSBIN = 5V
RIUSB = 1.24k
RIUSB = 2k
RIUSB = 10k
VPWR (V)
0
6
5
14
3
2
4078x G07
0
60
50
40
30
20
10
VDCIN = VUSBIN = 5V
VCHRG (V)
0
6
5
14
3
2
4078x G08
0
60
50
40
30
20
10
VDCIN = VUSBIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com