Electronic Components Datasheet Search
  English  ▼

X  

LTC4078 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4078
Description  Dual Input Li-Ion Battery Charger with Overvoltage Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4078 Datasheet(HTML) 3 Page - Linear Technology

  LTC4078 Datasheet HTML 1Page - Linear Technology LTC4078 Datasheet HTML 2Page - Linear Technology LTC4078 Datasheet HTML 3Page - Linear Technology LTC4078 Datasheet HTML 4Page - Linear Technology LTC4078 Datasheet HTML 5Page - Linear Technology LTC4078 Datasheet HTML 6Page - Linear Technology LTC4078 Datasheet HTML 7Page - Linear Technology LTC4078 Datasheet HTML 8Page - Linear Technology LTC4078 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4078/LTC4078X
3
4078xfb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4078/LTC4078X are guaranteed to meet the performance
specifications from 0°C to 85°C. Specifications over the – 40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Failure to correctly solder the exposed backside of the package to
the PC board will result in a thermal resistance much higher than 40°C/W.
See Thermal Considerations.
Note 4: Supply current includes IDC and ITERM pin current (approximately
100μA each) but does not include any current delivered to the battery
through the BAT pin.
Note 5: Supply current includes IUSB and ITERM pin current
(approximately 100μA each) but does not include any current delivered to
the battery through the BAT pin.
Note 6: This parameter is not applicable to the LTC4078X.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIDC
IDC Pin Regulated Voltage
Constant-Current Mode
1
V
VIUSB
IUSB Pin Regulated Voltage
Constant-Current Mode
1
V
ITERMINATE
Charge Current Termination Threshold
RITERM = 1k
RITERM = 2k
RITERM = 10k
RITERM = 20k
l
l
l
l
90
42
8
3.5
100
50
10
5
110
58
12
6.5
mA
mA
mA
mA
ITRIKL
Trickle Charge Current (Note 6)
VBAT < VTRIKL; RIDC = 1.25k
VBAT < VTRIKL; RIUSB = 2.1k
60
30
80
47.5
100
65
mA
mA
VTRIKL
Trickle Charge Threshold (Note 6)
VBAT Rising
Hysteresis
2.8
2.9
100
3V
mV
VUVDC
DCIN Undervoltage Lockout Voltage
From Low to High
Hysteresis
4
4.15
190
4.3
V
mV
VUVUSB
USBIN Undervoltage Lockout Voltage
From Low to High
Hysteresis
3.8
3.95
170
4.1
V
mV
VOVDC
DCIN Overvoltage Lockout Voltage
From Low to High
Hysteresis
5.8
6
185
6.2
V
mV
VOVUSB
USBIN Overvoltage Lockout Voltage
From Low to High
Hysteresis
5.8
6
185
6.2
V
mV
VASD-DC
VDCIN – VBAT Lockout Threshold
VDCIN from Low to High, VBAT = 4.2V
VDCIN from High to Low, VBAT = 4.2V
70
10
120
40
170
70
mV
mV
VASD-USB
VUSBIN – VBAT Lockout Threshold
VUSBIN from Low to High
VUSBIN from High to Low
70
10
120
40
170
70
mV
mV
VENABLE
ENABLE Input Threshold Voltage
0.6
0.9
1.2
V
RENABLE
ENABLE Pulldown Resistance
l
1
2
3.5
MΩ
VBDET
BATDET Input Threshold Voltage
From Low to High
1.25
1.75
2
V
IBATDET
BATDET Pull-Up Current
VBATDET = 0V
2
4
6
μA
VBOC
BATDET Open Circuit Voltage
4
4.2
4.4
V
VOL
Output Low Voltage
(CHRG, PWR)
ISINK = 5mA
0.12
0.35
V
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VRECHRG, 0°C < TA < 85°C
90
125
160
mV
tRECHRG
Recharge Comparator Filter Time
VBAT from High to Low
2.25
4.1
6.75
ms
tTERMINATE
Termination Comparator Filter Time
IBAT Drops Below Termination Threshold
1
1.6
2.4
ms
RON-DC
Power FET “ON” Resistance
(Between DCIN and BAT)
600
mΩ
RON-USB
Power FET “ON” Resistance
(Between USBIN and BAT)
700
mΩ
TLIM
Junction Temperature in Constant-
Temperature Mode
120
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com