Electronic Components Datasheet Search
  English  ▼

X  

LTC4420 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4420
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4420 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4420 Datasheet HTML 18Page - Linear Technology LTC4420 Datasheet HTML 19Page - Linear Technology LTC4420 Datasheet HTML 20Page - Linear Technology LTC4420 Datasheet HTML 21Page - Linear Technology LTC4420 Datasheet HTML 22Page - Linear Technology LTC4420 Datasheet HTML 23Page - Linear Technology LTC4420 Datasheet HTML 24Page - Linear Technology LTC4420 Datasheet HTML 25Page - Linear Technology LTC4420 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC4420
22
4420fa
For more information www.linear.com/LTC4420
Prioritization with Failsafe Backup Supply
V1
ADJ
CMP1
V2UV
PFV1
V2
V2UV
GNDSW
4420 TA06
R3
1M
R7
1M
R8
1M
COUT
10µF
R2
75k
R1
41.2k
OUT
OUT
DS
BAT54
V2TEST
V2OK
CMPOUT1
V2DIS
LTC4420
GND
R5
1.37M
PFV1 THRESHOLD: V1 < 10.6V (V1 FALLING)
SWITCHOVER THRESHOLD: V1 < 10V (V1 FALLING)
V2UV THRESHOLD: V2 < 6V (V2 FALLING)
12V
WALL
ADAPTER
COIN
CELL
3V
2-CELL
Li-Ion
7.4V
R4
95.3k
C1
10µF
C2
10µF
+
RSN1
0.5
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com