Electronic Components Datasheet Search
  English  ▼

X  

LTC4420 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4420
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4420 Datasheet(HTML) 4 Page - Linear Technology

  LTC4420 Datasheet HTML 1Page - Linear Technology LTC4420 Datasheet HTML 2Page - Linear Technology LTC4420 Datasheet HTML 3Page - Linear Technology LTC4420 Datasheet HTML 4Page - Linear Technology LTC4420 Datasheet HTML 5Page - Linear Technology LTC4420 Datasheet HTML 6Page - Linear Technology LTC4420 Datasheet HTML 7Page - Linear Technology LTC4420 Datasheet HTML 8Page - Linear Technology LTC4420 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC4420
4
4420fa
For more information www.linear.com/LTC4420
TYPICAL PERFORMANCE CHARACTERISTICS
V1 Current, V1 Powers OUT
(IOUT = 0)
V2 Current, V2 Powers OUT
(IOUT = 0)
V2 Current, V1 Powers Out
(TA = 25°C, V1 = V2 = 3.6V unless otherwise indicated)
V1 Current, V2 Powers Out
Normalized Falling ADJ
Threshold vs Temperature
Normalized CMP1 and
V2UV Falling Thresholds vs
Temperature
ADJ Hysteresis vs Temperature
ADJ Leakage vs Temperature
Open-Drain (CMPOUT1, GNDSW,
V2OK) VOL vs Pull-Down Current
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.990
0.995
1.000
1.005
1.010
4420 G06
V1 = 1.8V
V1 = 3.6V
V1 ≥ 6V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.5
3.0
3.5
4.0
4.5
4420 G01
V1 = V2
–40°C
25°C
90°C
V2 VOLTAGE (V)
0
5
10
15
20
150
200
250
300
350
400
450
4420 G03
V1 = V2
–40°C
25°C
90°C
V2 VOLTAGE (V)
0
5
10
15
20
300
350
400
450
500
550
4420 G04
PULL-DOWN CURRENT (mA)
0
0.5
1
1.5
2
0
50
100
150
200
250
4420 G05
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.990
0.995
1.000
1.005
1.010
4420 G07
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
30
40
50
60
70
4420 G08
VADJ = 0V, 1.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.5
1.0
1.5
2.0
2.5
3.0
4420 G09
V2 = 1.8V
V2 = 3.6V
V2 ≥ 6V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.5
3.0
3.5
4.0
4420 G02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com