Electronic Components Datasheet Search
  English  ▼

X  

LTC4420 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4420
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4420 Datasheet(HTML) 3 Page - Linear Technology

  LTC4420 Datasheet HTML 1Page - Linear Technology LTC4420 Datasheet HTML 2Page - Linear Technology LTC4420 Datasheet HTML 3Page - Linear Technology LTC4420 Datasheet HTML 4Page - Linear Technology LTC4420 Datasheet HTML 5Page - Linear Technology LTC4420 Datasheet HTML 6Page - Linear Technology LTC4420 Datasheet HTML 7Page - Linear Technology LTC4420 Datasheet HTML 8Page - Linear Technology LTC4420 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC4420
3
4420fa
For more information www.linear.com/LTC4420
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: These pins can be tied to voltages down to –5V through a resistor
that limits the current to less than –1mA.
Note 4: The LTC4420 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: The LTC4420 is tested under pulsed load conditions such that
TJ ≈ TA. The junction temperature (TJ in °C) is calculated from the ambient
temperature (TA in °C) and power dissipation (PD in Watts) according to
the formula:
TJ = TA + (PD • θJA)
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V1 = 3.6V, V2 = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IV2
V2 Current, V2 Powering OUT
V2 Current, V1 Powering OUT
V2 Current in Freshness Seal Mode
IOUT = 0, V1 = 3.6V, V2 = 8.4V
V1 = 3.6V, V2 = 8.4V
V1 = GND, V2 = 5V
l
l
l
3.3
320
120
6
650
220
µA
nA
nA
RON
Switch Resistance
V1 = V2 = 5V, IOUT = –100mA
l
1
2
5
Ω
tVALID(V1)
Input Qualification Time
V1 Rising, ADJ Rising
l
34
64
94
ms
Input Comparators
VTHA
ADJ Threshold
ADJ Falling
l
1.032
1.047
1.062
V
VHYSTA
ADJ Comparator Hysteresis
ADJ Rising
l
30
50
70
mV
VTHC
CMP1, V2UV Threshold
CMP1, V2UV Falling
l
0.378
0.387
0.396
V
VHYSTC
CMP1, V2UV Comparator Hysteresis
CMP1, V2UV Rising
l
7.5
10
12.5
mV
tPDA
ADJ Comparator Falling Response Time
10% Overdrive
l
4
7.3
12
µs
tPDC
CMP1, V2UV Comparator Response Times
20% Overdrive
l
30
65
µs
Power Path Function
ILIM
Output Current Limit
V1, V2 = 8.4V
l
0.5
1.1
1.6
A
VREV
Reverse Comparator Threshold
(V1, V2) – VOUT for Power Path Turn-On
l
25
50
75
mV
tSWITCH
Break-Before-Make Switchover Time
V1 = V2 = 5V, IOUT = –100mA
l
1
2.5
5
µs
V2 Monitoring
tMONL
Longest Possible V2UV Monitor Duration
V2TEST ≥ VIH
l
88
128
168
ms
tMONS
Shortest Possible V2UV Monitor Duration
V2TEST ≥ VIH
l
1
2
3
ms
tLTEST
Time Between V2UV Monitoring Events
V2TEST ≥ VIH
l
80
132
180
s
tHV2T
Minimum Allowed V2TEST High Time
V2TEST Driven Externally
l
10
ms
tLV2T
Minimum Allowed V2TEST Low Time
V2TEST Driven Externally
l
10
ms
I/O Specifications
VOL
Output Voltage Low, CMPOUT1, GNDSW and V2OK I = 100µA
I = 1mA
l
l
15
120
50
250
mV
mV
VOH
V2OK Output High Voltage
I = –1µA, V2 = 5V
l
1.05
1.65
2.3
V
IOH
V2OK, GNDSW, CMPOUT1 Output High Leakage
CMPOUT1, GNDSW, V2OK = 18V
l
±50
±150
nA
VIL
V2DIS, V2TEST Input Low Voltage
V1 = V2 = 5V
l
0.2
V
VIH
V2DIS, V2TEST Input High Voltage
V1 = V2 = 5V
l
0.9
V
IV2X(IN,Z)
V2DIS, V2TEST Allowable Leakage in Open State
l
0.5
µA
IPU(V2OK)
V2OK Pull-Up Current
V2 = 5V, ADJ = 0V, V2OK = 0V
l
–2.7
–5
–8
µA
ILEAK
ADJ, CMP1, V2UV Leakage Current
ADJ, CMP1, V2UV = 0V, 1.5V
l
±1
±5
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com