Electronic Components Datasheet Search
  English  ▼

X  

LTC5544 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5544
Description  4GHz to 6GHz High Dynamic Range Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5544 Datasheet(HTML) 2 Page - Linear Technology

  LTC5544 Datasheet HTML 1Page - Linear Technology LTC5544 Datasheet HTML 2Page - Linear Technology LTC5544 Datasheet HTML 3Page - Linear Technology LTC5544 Datasheet HTML 4Page - Linear Technology LTC5544 Datasheet HTML 5Page - Linear Technology LTC5544 Datasheet HTML 6Page - Linear Technology LTC5544 Datasheet HTML 7Page - Linear Technology LTC5544 Datasheet HTML 8Page - Linear Technology LTC5544 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
dc1885af
DEMO MANUAL DC1885A
PERFORMANCE SUMMARY T
C = 25°C, VCC = VCC_IF = 3.3V, SHDN = Low, PLO = 2dBm, PRF = –3dBm (Δf =
2MHz, –3dBm/tone for two-tone tests), unless otherwise noted. (Note 1)
PARAMETER
CONDITIONS
VALUE
UNITS
Low Side LO Downmixer Application: RF = 4.2GHz to 6GHz, IF = 240MHz, fLO = fRF – fIF
Conversion Gain
RF = 4900MHz
RF = 5250MHz
RF = 5800MHz
7.9
7.4
6.4
dB
dB
dB
2-Tone Input 3rd Order Intercept
RF = 4900MHz
RF = 5250MHz
RF = 5800MHz
25.4
25.9
25.8
dBm
dBm
dBm
2-Tone Input 2nd Order Intercept
fRF1 = 5371MHz, fRF2 = 5130MHz, fLO = 5010MHz,
fIM2 = fRF1 – fRF2
43.2
dBm
SSB Noise Figure
RF = 4900MHz
RF = 5250MHz
RF = 5800MHz
10.3
11.3
12.8
dB
dB
dB
SSB Noise Figure Under Blocking
fRF = 5250MHz, fLO = 5010MHz, fBLOCK = 4910MHz,
PBLOCK = 5dBm
16.9
dB
2RF – 2LO Output Spurious Product (fRF = fLO + fIF/2)
fRF = 5130MHz at –10dBm, fLO = 5010MHz
–58.3
dBc
3RF – 3LO Output Spurious Product (fRF = fLO + fIF/3)
fRF = 5090MHz at –10dBm, fLO = 5010MHz
–77
dBc
Input 1dB Compression
RF = 5250MHz, VCC_IF = 3.3V
RF = 5250MHz, VCC_IF = 5V
11.4
14.6
dBm
dBm
High Side LO Downmixer Application: RF = 4GHz to 5.8GHz, IF = 240MHz, fLO = fRF + fIF
Conversion Gain
RF = 4500MHz
RF = 4900MHz
RF = 5250MHz
8.0
7.7
7.3
dB
dB
dB
2-Tone Input 3rd Order Intercept
RF = 4500MHz
RF = 4900MHz
RF = 5250MHz
24.2
25.1
24.0
dBm
dBm
dBm
2-Tone Input 2nd Order Intercept
fRF1 = 4779MHz, fRF2 = 5020MHz, fLO = 5140MHz,
fIM2 = fRF2 – fRF1
39.8
dBm
SSB Noise Figure
RF = 4500MHz
RF = 4900MHz
RF = 5250MHz
10.7
11.0
11.7
dB
dB
dB
2LO – 2RF Output Spurious Product (fRF = fLO – fIF/2)
fRF = 5020MHz at –10dBm, fLO = 5140MHz
–55
dBc
3LO – 3RF Output Spurious Product (fRF = fLO – fIF/3)
fRF = 5060MHz at –10dBm, fLO = 5140MHz
–75
dBc
Input 1dB Compression
RF = 4900MHz, VCC_IF = 3.3V
RF = 4900MHz, VCC_IF = 5V
11.3
14.5
dBm
dBm
Note 1: Subject to change without notice. Refer to the latest LTC5544 data sheet for most-up-to-date specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com