Electronic Components Datasheet Search
  English  ▼

X  

LTC5544 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5544
Description  4GHz to 6GHz High Dynamic Range Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5544 Datasheet(HTML) 3 Page - Linear Technology

  LTC5544 Datasheet HTML 1Page - Linear Technology LTC5544 Datasheet HTML 2Page - Linear Technology LTC5544 Datasheet HTML 3Page - Linear Technology LTC5544 Datasheet HTML 4Page - Linear Technology LTC5544 Datasheet HTML 5Page - Linear Technology LTC5544 Datasheet HTML 6Page - Linear Technology LTC5544 Datasheet HTML 7Page - Linear Technology LTC5544 Datasheet HTML 8Page - Linear Technology LTC5544 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
dc1885af
DEMO MANUAL DC1885A
DETAILED DESCRIPTION
Absolute Maximum Ratings
NOTE: Stresses beyond Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any
Absolute Maximum Rating condition for extended periods
may affect device reliability and lifetime.
Supply Voltage (VCC)...............................................4.0V
IF Supply Voltage (VCC_IF)..................................... 5.5V
Shutdown Voltage (SHDN)............. –0.3V to VCC + 0.3V
LO Input Power (4GHz to 6GHz)............................ 9dBm
RF Input Power (4GHz to 6GHz)...........................15dBm
Operating Temperature Range (TC)........–40°C to 105°C
Supply Voltage Ramping
Fast ramping of the supply voltage can cause a current
glitch in the internal ESD protection circuits. Depending on
the supply inductance, this could result in a supply volt-
age transient that exceeds the maximum rating. A supply
voltage ramp time of greater than 1ms is recommended.
Do not clip powered test leads directly onto the demon-
stration circuit’s VCC and VCC_IF turrets. Instead, make
all necessary connections with power supplies turned off,
and then increase to operating voltage.
Shutdown Feature
When the SHDN voltage is logic Low (<0.3V), the chip is
enabled. When the SHDN voltage is logic High (>3V), the
chip is disabled, and the current consumption is reduced
to below 500μA. The SHDN must be pulled Low or High. If
left floating, the On/Off state of the IC will be indeterminate.
A logic table for the SHDN is shown in Table 2.
Table 2. SHDN Logic Table
SHDN
IC STATE
Low
On
High
Off
RF Input
The RF input of Demonstration Circuit 1885A is matched
to 50Ω from 4.2GHz to 6GHz with better than 12dB return
loss. For the RF input to be matched, the LO input must
be driven. The RF input impedance is somewhat dependent
on LO frequency and, to a lesser extend, LO input power.
LO Inputs
The LTC5544’s LO amplifiers are optimized for the 4.2GHz
to 5.8GHz LO frequency range. LO frequencies above and
below this frequency range may be used with degraded
performance.
The nominal LO input level is 2dBm. The LO input power
range is between –1dBm and 5dBm.
IF Output
Demonstration Circuit 1885A features a single-ended,
50Ω-matched IF output for 240MHz. The impedance
matching is realized with a bandpass topology using an
IF transformer as shown in Figure 1.
4:1
T1
IF+
C10
L2
L1
C8
VCCIF
14
15
IF–
LTC5544
IF+
Figure 1. IF Output with Bandpass Matching
Demonstration Circuit 1885A can be easily reconfigured
for other IF frequencies by simply replacing inductors L1
and L2. L1 and L2 values for several common IF frequen-
cies are presented in Table 3, and return losses are plotted
in Figure 2.
Table 3. L1, L2 vs IF Frequencies
IF FREQUENCY (MHz)
L1, L2 (nH)
140
220
190
150
240
150
305
82
380
56
456
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com