Electronic Components Datasheet Search
  English  ▼

X  

LTC5544 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5544
Description  4GHz to 6GHz High Dynamic Range Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5544 Datasheet(HTML) 4 Page - Linear Technology

  LTC5544 Datasheet HTML 1Page - Linear Technology LTC5544 Datasheet HTML 2Page - Linear Technology LTC5544 Datasheet HTML 3Page - Linear Technology LTC5544 Datasheet HTML 4Page - Linear Technology LTC5544 Datasheet HTML 5Page - Linear Technology LTC5544 Datasheet HTML 6Page - Linear Technology LTC5544 Datasheet HTML 7Page - Linear Technology LTC5544 Datasheet HTML 8Page - Linear Technology LTC5544 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
dc1885af
DEMO MANUAL DC1885A
For many applications, it is possible to replace the IF
transformer with the discrete IF Balun shown in Figure 3.
See the LTC5544 data sheet for details.
DETAILED DESCRIPTION
L1, L2 = 150 nH
L1, L2 = 82nH
L1, L2 = 39nH
DISCRETE BALUN 456MHz
IF FREQUENCY (MHz)
100
30
15
10
5
20
25
0
150 200 250 300 350 400 450 500 550 600
Figure 2. IF+ Port Output Return Loss
Figure 3. IF Output with Discrete IF Balun Matching
Figure 4. Modifications for Discrete IF Balun Matching
14
15
IF–
LTC5544
IF+
IF+
VCCIF
L7
L5
C13
C15
C14
L6
Demonstration Circuit 1885A’s IF output can be converted
to discrete IF Balun matching with minimal modifications.
Follow the procedures below, and refer to Figure 4.
a. Remove existing L1, L2, C4, C5, and T1.
b. Install L6 at location L2.
c. Install L7 at location R2.
d. Install C13 between the pads of L1 and C4.
e. Install L5 and C14 on the pads of T1.
f. Install C15 across the pads of T1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com