Electronic Components Datasheet Search
  English  ▼

X  

MP6001DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Flyback/Forward DC-DC Converter EV Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems MP6001DN Datasheet HTML 6Page - Monolithic Power Systems MP6001DN Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV6001DN-00B – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER EV BOARD
EV6001DN-00B Rev.1.0
www.MonolithicPower.com
3
3/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
EV6001DN–00B BILL OF MATERIALS
Qty
Ref
Value Description
Package Manufacturer Part Number
1
R1
20k Film Res., 5%
0603
Yageo
RC0603JR-0720KL
1
R2
10k Film Res., 5%
0603
Yageo
RC0603JR-0710KL
1
R3
20k Film Res., 5%
0603
Yageo
RC0603JR-0720KL
1
R4
499k Film Res., 1%
0603
Yageo
RC0603FR-07499KL
1
R5
1k
Film Res., 5%
0603
Yageo
RC0603JR-071KL
1
R6
390 Film Res., 5%
0603
Yageo
RC0603JR-07390RL
1
R7
10k Film Res., 5%
0603
Yageo
RC0603JR-0710KL
1
R8
20k Film Res.,1%
0603
Yageo
RC0603FR-0720KL
1
R9
NS
1
R10
3k
Film Res., 5%
0603
Yageo
RC0603JR-073KL
1
R11
1k
Film Res., 5%
0603
Yageo
RC0603JR-071KL
1
R12
56k Film Res., 1%
0603
Yageo
RC0603FR-0756KL
1
R13
3.74k Film Res., 1%
0603
Yageo
RC0603FR-073K74L
1
R14
750 Film Res., 5%
0603
Yageo
RC0603JR-07750RL
1
R15
20 Film Res., 5%
0603
Yageo
RC0603JR-0720RL
1
R16
20k Film Res., 5%
0603
Yageo
RC0603JR-0720KL
1
R17
619k Film Res., 1%
0603
Yageo
RC0603FR-07619KL
1
R18
NS
1
R19
10k Film Res., 5%
0603
Yageo
RC0603JR-0710KL
1
R20
0
Film Res., 5%
0603
Yageo
RC0603JR-070RL
1
R21
1k
Film Res., 5%
0603
Yageo
RC0603JR-071KL
1
R22
20k Film Res., 5%
0603
Yageo
RC0603JR-0720KL
1
R23
NS
1
R24
NS
2
C1,C2
1uF Ceramic Cap 100V X7R 1210
Murata
GRM32ER72A105KA35L
6 C3,C4,C16,C17,C20,C210.22uFCeramic Cap 100V X7R 1206
TDK
C3216X7R2A224K
1
C5
10nF Ceramic Cap 50V X7R
0603
TDK
C1608X7R1H103K
1
C6
NS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com