Electronic Components Datasheet Search
  English  ▼

X  

MP6001DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Flyback/Forward DC-DC Converter EV Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems MP6001DN Datasheet HTML 6Page - Monolithic Power Systems MP6001DN Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV6001DN-00B
Monolithic Flyback/Forward
DC-DC Converter EV Board
EV6001DN-00B Rev.1.0
www.MonolithicPower.com
1
3/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV6001DN-00B is an evaluation board for
the MP6001, a monolithic Flyback DCDC
converter. This evaluation board is capable of
delivering up to 2W output power. The MP6001
has an internal soft-start, auto-retry, and
incorporates over current, short circuit, and over-
voltage protection. It can also skip cycles to
maintain zero load regulation. This device is
available in an 8-pin SOIC package with an
exposed pad.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value Unit
Input Voltage
VIN
36–75
V
Output Voltage
VOUT
200
V
Output Current
IOUT
10
mA
FEATURES
• Integrated 150V Power Switch
• Integrated 100V Startup Circuit
• Cycle-by-Cycle Current Limiting
• Duty Cycle Limiting with Line Feed Forward
• Input UVLO plus Over Voltage Protection
• Thermal Shutdown
APPLICATIONS
• Telecom Equipment
•
VoIP Phones, Power over Ethernet (PoE)
• Distributed Power Conversions
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
EV6001DN-00B EVALUATION BOARD
L×W×H: 98.0×24.5×8.7(mm)
Board Number
MPS IC Number
EV6001DN-00B
MP6001DN
40
45
50
55
60
65
70
75
80
85
90
0
0.002 0.004 0.006 0.008
0.01
0.012
OUTPUT CURRENT (A)
Efficiency vs.
Output Current
VIN=36V
VIN=75V
VIN=48V


Similar Part No. - MP6001DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6001DN MPS-MP6001DN Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001DN MPS-MP6001DN Datasheet
251Kb / 6P
WLED Driver Evaluation Board
MP6001DN MPS-MP6001DN Datasheet
522Kb / 13P
Monolithic Flyback/Forward dd-DC Converter
MP6001DN MPS-MP6001DN Datasheet
258Kb / 5P
Monolithic Buck DC-DC Converter EV Board
MP6001DN MPS-MP6001DN Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results

Similar Description - MP6001DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001 MPS-MP6001 Datasheet
522Kb / 13P
Monolithic Flyback/Forward dd-DC Converter
MP6002 MPS-MP6002 Datasheet
511Kb / 15P
Monolithic Flyback/Forward DC-DC Converter
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
Monolithic Flyback/SEPIC DC-DC Converter
EV6001DN-00C MPS-EV6001DN-00C Datasheet
258Kb / 5P
Monolithic Buck DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV8004-QW-00A MPS-EV8004-QW-00A Datasheet
481Kb / 9P
13W 802.3af PoE Powered Device Interface with Flyback DC-DC Converter EV Board
EVHFC0310-S-00A MPS-EVHFC0310-S-00A Datasheet
464Kb / 10P
Fixed-Frequency Flyback Converter EV Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com