Electronic Components Datasheet Search
  English  ▼

X  

MP6001DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Flyback/Forward DC-DC Converter EV Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems MP6001DN Datasheet HTML 6Page - Monolithic Power Systems MP6001DN Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EV6001DN-00B – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER EV BOARD
EV6001DN-00B Rev.1.0
www.MonolithicPower.com
4
3/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
EV6001DN–00B BILL OF MATERIALS (continued)
Qty
Ref
Value Description
Package Manufacturer Part Number
1
C7
1nF
Ceramic Cap 2kV X7R
1812
Murata
GR443QR73D102KW01L
1
C8
0.1uF Ceramic Cap 100V X7R
0805
TDK
C2012X7R2A104K
1
C9
100pF Ceramic Cap 50V X7R
0603
TDK
C1608X7R1H101K
1
C10
22nF Ceramic Cap 50V, X7R
0603
TDK
C1608X7R1H223K
1
C11
NS
1
C12
10uF Ceramic Cap 10V X5R
0805
Murata
GRM21BR61A106KE19
1
C13
47nF Ceramic Cap 50V X7R
0603
TDK
C1608X7R1H473K
1
C14
1uF
Ceramic Cap 25V X5R
0805
Murata
GRM216R61E105KA12D
1
C15
100nF Ceramic Cap 50V X7R
0603
TDK
C1608X7R1H104K
3
C18,C19,C23 0.22uF Ceramic Cap 50V X7R
0805
TDK
C2012X7R1H224K
1
C22
NS
2
CIN1,CIN2
NS
1
U1
MPS regulator
SO8
MPS
MP6001DN
1
U2
Opto-coupler
SSOP4
NEC
PS2801-1
1
U3
1.24V Shunt Regulator
SOT-23
BCD
AZ431L
1
Q1
40V NPN Transistor
SOT-23
ON Semi
MMBT3904LT1
1
Q2
40V PNP Transistor
SOT-23
ON Semi
MMBT3906LT1
2
D1,D2
Diode Switch 1A 600V
SMA
ON Semi
MURA160T3/MRA4005T3
1
D3
Diode Switch 200mA 250V SOT-23
Diodes Inc BAS21
2
D4,D6
Diode Zener 5.6V 500mW
SOD-123
ON Semi
MMSZ5V6T1
3
D5,D7,D8
Diode Switch 0.2A 75V
SOD-323 Diodes Inc BAS16HT1
1
T1
Flyback Transformer 0.2mH SMD
Cooper
JX01-17673-R
1
LIN
NS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com