Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8330
Description  Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8330 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8330 Datasheet HTML 9Page - Linear Technology LT8330 Datasheet HTML 10Page - Linear Technology LT8330 Datasheet HTML 11Page - Linear Technology LT8330 Datasheet HTML 12Page - Linear Technology LT8330 Datasheet HTML 13Page - Linear Technology LT8330 Datasheet HTML 14Page - Linear Technology LT8330 Datasheet HTML 15Page - Linear Technology LT8330 Datasheet HTML 16Page - Linear Technology LT8330 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT8330
13
8330fa
For more information www.linear.com/LT8330
applicaTions inForMaTion
THERMAL CONSIDERATIONS
Care should be taken in the layout of the PCB to ensure
good heat sinking of the LT8330. The DFN package has the
best thermal performance due to an exposed pad (Pin 9)
on the bottom of the package. This exposed pad must be
soldered to a ground plane. Pin 5 of the DFN package (and
Pin 2 of the TSOT package) should also be connected to a
ground plane. The ground plane should be connected to
largecopperlayerstospreadheatdissipatedbytheLT8330
and to further reduce the thermal resistance (θJA) values
listed in the Pin Configuration section. Power dissipation
within the LT8330 (PDISS_LT8330) can be estimated by
subtracting the inductor and Schottky diode power losses
from the total power losses calculated in an efficiency
measurement. The junction temperature of LT8330 can
then be estimated by,
TJ (LT8330) = TA + θJA • PDISS_LT8330
ADDITIONAL TOPOLOGIES : SEPIC AND INVERTING
In addition to the Boost topology, the LT8330 can be
configured in a SEPIC or Inverting topology. SEPIC and
Inverting converters are analyzed below.
SEPIC CONVERTER APPLICATIONS
The LT8330 can be configured as a SEPIC (single-ended
primary inductance converter), as shown in Figure 5. This
topology allows for the input to be higher, equal, or lower
than the desired output voltage. The conversion ratio as
a function of duty cycle is:
VOUT + VD
VIN
=
D
1−D
in continuous conduction mode (CCM).
In a SEPIC converter, no DC path exists between the input
and output. This is an advantage over the boost converter
for applications requiring the output to be disconnected
from the input source when the circuit is in shutdown.
SEPIC Converter: Switch Duty Cycle and Frequency
For a SEPIC converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT), the input voltage (VIN) and the diode
forward voltage (VD).
Themaximumdutycycle(DMAX)occurswhentheconverter
operates at the minimum input voltage:
DMAX =
VOUT + VD
VIN(MIN)+ VOUT + VD
Conversely, the minimum duty cycle (DMIN) occurs when
the converter operates at the maximum input voltage:
DMIN =
VOUT + VD
VIN(MAX)+ VOUT + VD
Be sure to check that DMAX and DMIN obey:
DMAX < 1-Minimum Off-Time(MAX) • fOSC(MAX)
and
DMIN > Minimum On-Time(MAX) • fOSC(MAX)
where Minimum Off-Time, Minimum On-Time and fOSC
are specified in the Electrical Characteristics table.
SEPIC Converter: The Maximum Output Current
Capability and Inductor Selection
As shown in Figure 5, the SEPIC converter contains two
inductors:L1andL2.L1andL2canbeindependent,butcan
Figure 5. LT8330 Configured in a SEPIC Topology
L1
L2
VOUT
VIN
SW
FBX
GND
EN/UVLO
LT8330
VIN
VCC
INT
D1
CIN
COUT
CDC
8330 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com