Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8330
Description  Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8330 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8330 Datasheet HTML 15Page - Linear Technology LT8330 Datasheet HTML 16Page - Linear Technology LT8330 Datasheet HTML 17Page - Linear Technology LT8330 Datasheet HTML 18Page - Linear Technology LT8330 Datasheet HTML 19Page - Linear Technology LT8330 Datasheet HTML 20Page - Linear Technology LT8330 Datasheet HTML 21Page - Linear Technology LT8330 Datasheet HTML 22Page - Linear Technology LT8330 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8330
19
8330fa
For more information www.linear.com/LT8330
Typical applicaTions
4V to 36V Input, 12V SEPIC Converter
4V to 16V Input, 5V SEPIC Converter
4.7µF
154k
4.7µF
1µF
4.7pF
C5
1µF
L1
4.7µH
L2
4.7µH
VOUT
VIN
SW
FBX
GND
EN/UVLO
LT8330
4V TO 36V
VIN
12V
VCC
INT
1M
D1
C1
C2
C3
D1: NXP PMEG6010CEJ
L1: WÜRTH WE-TDC 8038 74489440047
C3: MURATA GRM31CR61C475k
R1
R2
×2
C4
R3
1M
R4
806k
170mA AT VIN = 4V
270mA AT VIN = 12V
280mA AT VIN = 24V
280mA AT VIN = 36V
8330 TA07
4.7µF
464k
4.7µF
1µF
4.7pF
C5
1µF
L1
2.7µH
L2
2.7µH
VOUT
VIN
SW
FBX
GND
EN/UVLO
LT8330
4V TO 16V
VIN
5V
VCC
INT
1M
D1
C1
C2
C3
D1: NXP PMEG6010CEJ
L1: WÜRTH WE-TDC 8018 74489430027
C3: MURATA GRM21BR71C475k
R1
R2
C4
R3
1M
R4
806k
280mA AT VIN = 4V
300mA AT VIN = 5V
380mA AT VIN = 12V
380mA AT VIN = 16V
8330 TA08
Efficiency
Efficiency
SEPIC: VOUT = 12V
VIN = 4V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
60
120
180
240
300
50
60
70
80
90
100
8330 TA07b
VIN = 4V
VIN = 5V
VIN = 12V
VIN = 16V
SEPIC: VOUT = 5V
LOAD CURRENT (mA)
0
80
160
240
320
400
50
60
70
80
90
100
8330 TA08b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com