Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8330
Description  Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8330 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8330 Datasheet HTML 16Page - Linear Technology LT8330 Datasheet HTML 17Page - Linear Technology LT8330 Datasheet HTML 18Page - Linear Technology LT8330 Datasheet HTML 19Page - Linear Technology LT8330 Datasheet HTML 20Page - Linear Technology LT8330 Datasheet HTML 21Page - Linear Technology LT8330 Datasheet HTML 22Page - Linear Technology LT8330 Datasheet HTML 23Page - Linear Technology LT8330 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT8330
24
8330fa
For more information www.linear.com/LT8330
LINEAR TECHNOLOGY CORPORATION 2015
LT 0316 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT8330
relaTeD parTs
Typical applicaTion
4.7µF
56.2k
4.7µF
1µF
C6
1µF
C5
1µF
–VOUT
VIN
SW
FBX
GND
EN/UVLO
LT8330
8V TO 40V
VIN
–15V
VCC
INT
1M
D1
C1
C2
C3
D1, D2: NXP PMEG6010CEJ
L1A, L1B, L1C: COILTRONICS VP4-0075
C3, C4: MURATA GRM32ER71H475k
R1
R2
R3
1M
R4
287k
C4
4.7µF
+VOUT
+15V
D2
L1C
6µH
L1B
6µH
L1A
6µH
LOAD
120mA AT VIN = 8V
160mA AT VIN = 24V
170mA AT VIN = 40V
8330 TA12
8V to 40V Input, ±15V Converter
PART NUMBER
DESCRIPTION
COMMENTS
LT1930/LT1930A
1A (ISW), 1.2MHz/2.2MHz High Efficiency Step-Up DC/DC
Converter
VIN = 2.6V to 16V, VOUT(MAX) = 34V, IQ = 4.2mA/5.5mA, ISD < 1µA,
ThinSOT Package
LT1935
2A (ISW), 40V, 1.2MHz High Efficiency Step-Up DC/DC
Converter
VIN = 2.3V to 16V, VOUT(MAX) = 38V, IQ = 3mA, ISD < 1µA,
ThinSOT Package
LT3467
1.1A (ISW), 1.3MHz High Efficiency Step-Up DC/DC
Converter
VIN = 2.4V to 16V, VOUT(MAX) = 40V, IQ = 1.2mA, ISD < 1µA,
ThinSOT, 2mm × 3mm DFN Packages
LT3580
2A (ISW), 42V, 2.5MHz, High Efficiency Step-Up DC/DC
Converter
VIN = 2.5V to 32V, VOUT(MAX) = 42V, IQ = 1mA, ISD = <1µA,
3mm × 3mm DFN-8, MSOP-8E
LT8494
70V, 2A Boost/SEPIC 1.5MHz High Efficiency Step-Up
DC/DC Converter
VIN = 1V to 60V (2.5V to 32V Start-Up), VOUT(MAX) = 70V, IQ = 3µA
(Burst Mode operation), ISD = <1µA, 20-Lead TSSOP
LT8570/LT8570-1
65V, 500mA/250mA Boost/Inverting DC/DC Converter
VIN(MIN) = 2.55V, VIN(MAX) = 40V, VOUT(MAX) = ±60V, IQ = 1.2mA,
ISD = <1mA, 3mm × 3mm DFN-8, MSOP-8E
LT8580
1A (ISW), 65V 1.5MHz, High Efficiency Step-Up DC/DC
Converter
VIN: 2.55V to 40V, VOUT(MAX) = 65V, IQ = 1.2mA, ISD = <1µA,
3mm × 3mm DFN-8, MSOP-8E
Efficiency
–VOUT = –15V
VIN = 8V
VIN = 24V
VIN = 40V
+VOUT = +15V
LOAD CURRENT (mA)
0
40
80
120
160
200
50
60
70
80
90
100
8330 TA12b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com