Electronic Components Datasheet Search
  English  ▼

X  

LTC3119 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3119
Description  18V, 5A Synchronous Buck-Boost DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3119 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3119 Datasheet HTML 9Page - Linear Technology LTC3119 Datasheet HTML 10Page - Linear Technology LTC3119 Datasheet HTML 11Page - Linear Technology LTC3119 Datasheet HTML 12Page - Linear Technology LTC3119 Datasheet HTML 13Page - Linear Technology LTC3119 Datasheet HTML 14Page - Linear Technology LTC3119 Datasheet HTML 15Page - Linear Technology LTC3119 Datasheet HTML 16Page - Linear Technology LTC3119 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC3119
13
3119fb
For more information www.linear.com/LTC3119
block DiagraM Pin numbers are shown for UFD package only.
–
+
A
D
PGND
B
C
20
PVIN
19
VIN
0.25µA
21
SW1
18
SW2
2
3
PGND
BST2
SOFT-START
RAMP
5
PVOUT
4
PGOOD
7
MPPC
VIN
VCC
16
13
SVCC
8
BST1
23
BST2
28
REVERSE
BLOCKING
LDO
BANDGAP
REFERENCE
OVERTEMPERATURE
OSCILLATOR
MODE
SELECTION
0.795V
1.205V
PWM
CHIP
ENABLE
+
+
–
12
FB
795mV
9
VC
10
RT
14
PWM/SYNC
25
1.205V
PGND
+
–
2.35V
VCC
UVLO
+
–
RUN
3119 BD
15
22
17
6
1
SGND
11
EXPOSED PAD
29
CURRENT
LIMIT
+
–
798mV
ZERO
CURRENT
+
–
0A
8A
–
+
BST1
gm
731mV
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com