Electronic Components Datasheet Search
  English  ▼

X  

LTC3119 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3119
Description  18V, 5A Synchronous Buck-Boost DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3119 Datasheet(HTML) 2 Page - Linear Technology

  LTC3119 Datasheet HTML 1Page - Linear Technology LTC3119 Datasheet HTML 2Page - Linear Technology LTC3119 Datasheet HTML 3Page - Linear Technology LTC3119 Datasheet HTML 4Page - Linear Technology LTC3119 Datasheet HTML 5Page - Linear Technology LTC3119 Datasheet HTML 6Page - Linear Technology LTC3119 Datasheet HTML 7Page - Linear Technology LTC3119 Datasheet HTML 8Page - Linear Technology LTC3119 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3119
2
3119fb
For more information www.linear.com/LTC3119
absoluTe MaxiMuM raTings
VIN, PVIN, PVOUT, RUN, PGOOD................. –0.3V to 19V
FB, VC, RT, SYNC, MPPC, VCC, SVCC ........... –0.3V to 6V
BST1 Voltage .....................(SW1 – 0.3V) to (SW1 + 6V)
BST2 Voltage .....................(SW2 – 0.3V) to (SW2 + 6V)
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3119EUFD#PBF
LTC3119EUFD#TRPBF
3119
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3119IUFD#PBF
LTC3119IUFD#TRPBF
3119
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3119EFE#PBF
LTC3119EFE#TRPBF
3119
28-Lead Plastic Enhanced TSSOP
–40°C to 125°C
LTC3119IFE#PBF
LTC3119IFE#TRPBF
3119
28-Lead Plastic Enhanced TSSOP
–40°C to 125°C
LTC3119HFE#PBF
LTC3119HFE#TRPBF
3119
28-Lead Plastic Enhanced TSSOP
–40°C to 150°C
LTC3119MPFE#PBF
LTC3119MPFE#TRPBF
3119
28-Lead Plastic Enhanced TSSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
PGND
SW2
PVOUT
PVOUT
SW2
PGND
PGOOD
SVCC
PGND
SW1
PVIN
PVIN
SW1
PGND
VIN
RUN
29
PGND
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJA = 22°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
N/C
N/C
BST2
PGND
SW2
PVOUT
PVOUT
SW2
PGND
PGOOD
SVCC
FB
VC
SGND
PWM/SYNC
N/C
BST1
PGND
SW1
PVIN
PVIN
SW1
PGND
VIN
RUN
RT
VCC
MPPC
29
PGND
TJMAX = 150°C, θJA = 21°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB
pin conFiguraTion
Operating Junction Temperature (Notes 2, 3)
LTC3119E/LTC3119I........................... –40°C to 125°C
LTC3119H .......................................... –40°C to 150°C
LTC3119MP........................................ –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE......................................................................300°C
http://www.linear.com/product/LTC3119#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com