Electronic Components Datasheet Search
  English  ▼

X  

LTC3119 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3119
Description  18V, 5A Synchronous Buck-Boost DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3119 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3119 Datasheet HTML 16Page - Linear Technology LTC3119 Datasheet HTML 17Page - Linear Technology LTC3119 Datasheet HTML 18Page - Linear Technology LTC3119 Datasheet HTML 19Page - Linear Technology LTC3119 Datasheet HTML 20Page - Linear Technology LTC3119 Datasheet HTML 21Page - Linear Technology LTC3119 Datasheet HTML 22Page - Linear Technology LTC3119 Datasheet HTML 23Page - Linear Technology LTC3119 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC3119
20
3119fb
For more information www.linear.com/LTC3119
applicaTions inForMaTion
Higher switching frequencies facilitate the use of smaller
inductors as well as smaller input and output filter capaci-
tors which results in a smaller solution size and reduced
componentheight.However,higherswitchingfrequencies
also generally reduce conversion efficiency due to the
increased switching losses.
Output Capacitor Selection
A low ESR output capacitor should be utilized at the buck-
boost converter output in order to minimize output voltage
ripple.Multilayerceramiccapacitorsareanexcellentoption
as they have low ESR and are available in small footprints.
The capacitor value should be chosen large enough to
reduce the output voltage ripple to acceptable levels.
Neglecting the capacitor ESR and ESL, the peak-to-peak
output voltage ripple can be calculated by the following
formulas, where fSW is the switching frequency, COUT is
the output capacitance, tLOW is the switch pin minimum
low time, and ILOAD is the output current. Curves for the
value of tLOW as a function of VCC voltage and temperature
can be found in Typical Performance Characteristics sec-
tion of this data sheet.
∆VP-P BUCK
(
) @
ILOADtLOW
COUT
∆VP-P BOOST
(
) @
ILOAD
fSW COUT
VOUT −VIN +tLOWfSWVIN
VOUT
The output voltage ripple increases with load current and
is generally higher in boost mode than in buck mode.
These expressions only take into account the output
voltage ripple that results from the output current being
discontinuous. They provide a good approximation to the
ripple at any significant load current but underestimate
the output voltage ripple at very light loads where output
voltage ripple is dominated by the inductor current ripple.
In addition to output voltage ripple generated across the
output capacitance, there is also output voltage ripple
produced across the internal resistance of the output
capacitor. The ESR-generated output voltage ripple is
proportionaltotheseriesresistanceoftheoutputcapacitor
and is given by the following expressions where RESR is
the series resistance of the output capacitor and all other
terms are as previously defined.
∆VP-P BUCK
(
) @
ILOADRESR
1
− tLOWfSW
@ILOADRESR
∆VP-P BOOST
(
) @
ILOADRESRVOUT
VIN(1− tLOWfSW)
@ILOADRESR
VOUT
VIN


Input Capacitor Selection
The PVIN pin carries the full inductor current and provides
power to internal control circuits in the IC. To minimize
input voltage ripple and ensure proper operation of the IC,
a low ESR bypass capacitor with a value of at least 10μF
should be located as close to this pin as possible. The
traces connecting this capacitor to PVIN and the ground
plane should be made as short as possible. The VIN pin
provides power to the VCC regulator and other internal
circuitry. If the PCB trace connecting VIN to PVIN is long, it
may be necessary to add an additional small value bypass
capacitor near the VIN pin.
When powered through long leads or from a high ESR
power source, a larger value bulk input capacitor may be
required.Insuchapplications,a47μFto100μFelectrolytic
capacitor in parallel with a 1μF ceramic capacitor generally
yields a high performance, low cost solution.
When powered through an inductive connection such as
a long cable, the inductance of the power source and the
input bypass capacitor form a high-Q resonant LC filter. In
such applications, hot-plugging into a powered source can
lead to a significant voltage overshoot, even up to twice the
nominal input source voltage. Care must be taken in such
situationstoensurethattheabsolutemaximuminputvoltage
ratingoftheLTC3119isnotviolated.SeeLinearTechnology
Application Note 88 for solutions to increase damping in
the input filter and minimize this voltage overshoot.
Inductor Selection
The choice of inductor used in LTC3119 application circuits
influences the maximum deliverable output current, the
converter bandwidth, the magnitude of the inductor current
rippleandtheoverallconverterefficiency.Theinductormust
have a low DC series resistance, when compared to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com