Electronic Components Datasheet Search
  English  ▼

X  

DHU Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # DHU
Description  UL Approved Illuminated Pushbutton
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DHU Datasheet(HTML) 2 Page - CIT Relay & Switch

  DHU Datasheet HTML 1Page - CIT Relay & Switch DHU Datasheet HTML 2Page - CIT Relay & Switch DHU Datasheet HTML 3Page - CIT Relay & Switch DHU Datasheet HTML 4Page - CIT Relay & Switch DHU Datasheet HTML 5Page - CIT Relay & Switch DHU Datasheet HTML 6Page - CIT Relay & Switch DHU Datasheet HTML 7Page - CIT Relay & Switch DHU Datasheet HTML 8Page - CIT Relay & Switch DHU Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 2
DHU
UL Approved Illuminated Pushbutton
1. Series
DHU25
1
N
B
S
R
G
12
B
DHU25
DHU28
DHU30
2. Number of Poles
1 = SPDT
3. Bezel Style
Blank = Standard Bezel
H = Straight Bezel
4. Latching Option
N = Momentary
L = Latching
5. Actuator Style:
A = Flush actuator, non-illuminated
B = Flush actuator, ring illuminated
C = Flush actuator, dot illuminated
G = Flush actuator, Int’l standby symbol illuminated only available with DHU25
MR = Mushroom actuator, red anodized aluminum only available with DHU25 momentary
6. Switch Finish
S = Brushed Stainless Steel
B = Black Anodized Aluminum
G = Green Anodized Aluminum
R = Red Anodized Aluminum
U = Blue Anodized Aluminum
Y = Yellow Anodized Aluminum
7. First LED Color
Z = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White
O = Orange
8. Second LED Color
Z = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White
O = Orange
9. LED Voltage
Z = No LED
24 = 24V
6 = 6V
110 = 110V
12 = 12V
220 = 220V
N = No internal resistor in series with the LED
10. Terminal Option
A = .187” Quick Connect Switch Terminals and .110” Quick Connect LED Terminals
B = .250” Quick Connect Switch Terminals and .110” Quick Connect LED Terminals
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com