Electronic Components Datasheet Search
  English  ▼

X  

DHU Datasheet(PDF) 10 Page - CIT Relay & Switch

Part # DHU
Description  UL Approved Illuminated Pushbutton
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DHU Datasheet(HTML) 10 Page - CIT Relay & Switch

Back Button DHU Datasheet HTML 3Page - CIT Relay & Switch DHU Datasheet HTML 4Page - CIT Relay & Switch DHU Datasheet HTML 5Page - CIT Relay & Switch DHU Datasheet HTML 6Page - CIT Relay & Switch DHU Datasheet HTML 7Page - CIT Relay & Switch DHU Datasheet HTML 8Page - CIT Relay & Switch DHU Datasheet HTML 9Page - CIT Relay & Switch DHU Datasheet HTML 10Page - CIT Relay & Switch DHU Datasheet HTML 11Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 10
UL Approved Illuminated Pushbutton
DHU
LED Characteristics
LED Ratings
Color
R
Y
G
B
O
W
Units
Reverse Voltage
VR
555555
V
Forward Current (peak)
IFS
120
120
160
160
120
160
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
μA
Power Dissipation
PT
80
80
120
120
80
120
mW
Forward Voltage (typ) IF = 20mA
VF
2.1
2.1
3.3
3.3
2.0
3.0
V
Luminous Intensity, IF = 20mA
LI
120
120
170
100
120
700
mcd
(2X) 2.80 X 0.50
[.11 X .02]
23.00
[.91]
0.80 TYP
[.03]
5.50
[.22]
9.66
[.38]
10.60
[.42]
4.75 TYP
[.19]
(2X) 2.80 X 0.50
[.11 X .02]
23.00
[.91]
8.81
[.35]
8.60
[.34]
11.27
[.44]
0.80 TYP
[.03]
6.35 TYP
[.25]
A = .187”
utilizing part number VM3CQF1802L00
B = .250”
utilitizing part number VM3CQF1801L00
Terminal Detail - continued
30mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com