Electronic Components Datasheet Search
  English  ▼

X  

DHU Datasheet(PDF) 6 Page - CIT Relay & Switch

Part # DHU
Description  UL Approved Illuminated Pushbutton
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DHU Datasheet(HTML) 6 Page - CIT Relay & Switch

Back Button DHU Datasheet HTML 2Page - CIT Relay & Switch DHU Datasheet HTML 3Page - CIT Relay & Switch DHU Datasheet HTML 4Page - CIT Relay & Switch DHU Datasheet HTML 5Page - CIT Relay & Switch DHU Datasheet HTML 6Page - CIT Relay & Switch DHU Datasheet HTML 7Page - CIT Relay & Switch DHU Datasheet HTML 8Page - CIT Relay & Switch DHU Datasheet HTML 9Page - CIT Relay & Switch DHU Datasheet HTML 10Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 6
UL Approved Illuminated Pushbutton
DHU
Dimensions - 30mm, Momentary
M30x1.5
36.03
[1.42]
39.96
[1.57]
Ø24.50
[.96]
Ø35.00
[1.38]
2.10
[.08]
27.80
[1.09]
11.00 MAX
[.43]
18.50
[.73]
M30x1.5
36.03
[1.42]
39.96
[1.57]
Ø19.50
[.77]
Ø24.50
[.96]
ILLUMINATED
RING
Ø35.00
[1.38]
2.10
[.08]
27.80
[1.09]
18.50
[.73]
11.00 MAX
[.43]
M30x1.5
36.03
[1.42]
39.96
[1.57]
Ø9.26
[.36]
ILLUMINATED
DOT
Ø35.00
[1.38]
11.00 MAX
[.43]
18.50
[.73]
2.10
[.08]
27.80
[1.09]
A - Flush, Non-Illuminated
B - Flush, Ring Illuminated
C - Flush, Dot Illuminated
Dimensions - 30mm, Latching
M30x1.5
36.03
[1.42]
39.96
[1.57]
Ø24.50
[.96]
Ø34.93
[1.38]
11.00 MAX
[.43]
18.50
[.73]
30.30
[1.19]
2.10
[.08]
M30x1.5
36.03
[1.42]
39.96
[1.57]
Ø19.50
[.77]
Ø24.50
[.96]
ILLUMINATED
RING
18.50
[.73]
11.00 MAX
[.43]
Ø34.93
[1.38]
30.30
[1.19]
2.10
[.08]
M30x1.5
Ø9.26
[.36]
ILLUMINATED
DOT
36.03
[1.42]
39.96
[1.57]
11.00 MAX
[.43]
Ø34.93
[1.38]
18.50
[.73]
30.30
[1.19]
2.10
[.08]
A - Flush, Non-Illuminated
B - Flush, Ring Illuminated
C - Flush, Dot Illuminated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com