Electronic Components Datasheet Search
  English  ▼

X  

LTC3355 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3355
Description  20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3355 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3355 Datasheet HTML 9Page - Linear Technology LTC3355 Datasheet HTML 10Page - Linear Technology LTC3355 Datasheet HTML 11Page - Linear Technology LTC3355 Datasheet HTML 12Page - Linear Technology LTC3355 Datasheet HTML 13Page - Linear Technology LTC3355 Datasheet HTML 14Page - Linear Technology LTC3355 Datasheet HTML 15Page - Linear Technology LTC3355 Datasheet HTML 16Page - Linear Technology LTC3355 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3355
13
3355fb
For more information www.linear.com/LTC3355
APPLICATIONS INFORMATION
Buck Inductor L1 Selection and
Maximum Output Current
A good starting point for the inductor value is:
L
= VOUT + VD
(
)• 1.8
fSW
where fSW is the switching frequency in MHz, VOUT is the
buck output voltage, VD is the catch diode drop (~0.5V)
and L is the inductor value in µH.
The inductor’s RMS current rating must be greater than
the maximum load current and its saturation current
should be 30% higher. To keep the efficiency high, the
series resistance (DCR) should be less than 0.1Ω, and
the core material should be intended for high frequency
applications. Table 1 lists several inductor vendors.
For robust operation and fault conditions (start-up or
short-circuit)andhighinputvoltage(>15V),thesaturation
current should be chosen high enough to ensure that the
inductor peak current does not exceed 2.2A.
The current in the inductor is a triangle wave with an av-
erage value equal to the load current. The peak inductor
and switch current is:
ISW(PEAK) =IL(PEAK) =IOUT(MAX) +
ΔIL
2
whereIL(PEAK)isthepeakinductorcurrent,IOUT(MAX)isthe
maximumoutputloadcurrentand∆IListheinductorripple
current. The LTC3355 limits the switch current in order to
protect the part. Therefore, the maximum output current
that the buck will deliver depends on the switch current
limit, the inductor value, the input and output voltages.
When the switch is off, the potential across the inductor
is the output voltage plus the catch diode drop. This gives
the peak-to-peak ripple current in the inductor:
ΔIL = 1–DC
(
)• VOUT +VD
L • fSW
where fSW is the switching frequency of the buck, DC is
the duty cycle and L is the value of the inductor.
To maintain output regulation, the inductor peak current
must be less than the buck switch current limit. The
maximum output current is:
IOUT(MAX) =ILIM –
ΔIL
2
Choosing an inductor value so that the ripple current is
small will allow a maximum output current near the switch
current limit.
Table 1. Inductor Vendors
VENDOR
URL
PART SERIES
TYPE
Murata
www.murata.com
LQH5BPB
Shielded
TDK
www.tdk.com
LTF5022T
Shielded
Toko
www.toko.com
FDS50xx
Shielded
Coilcraft
www.coilcraft.com
XAL40xx, LPS40xx Shielded
Sumida
www.sumida.com
DCRH5D, CDRH6D Shielded
Viashay
www.vishay.com
IHLP2020
Shielded
One approach to choosing the inductor is to start with
the simple rule above, look at the available inductors, and
choose one to meet cost or space goals. Then use the
equations to check that the buck will be able to deliver the
required output current. These equations assume that the
inductor current is continuous. Discontinuous operation
occurs when IOUT is less than ∆IL/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com