Electronic Components Datasheet Search
  English  ▼

X  

LTC3355 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3355
Description  20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3355 Datasheet(HTML) 2 Page - Linear Technology

  LTC3355 Datasheet HTML 1Page - Linear Technology LTC3355 Datasheet HTML 2Page - Linear Technology LTC3355 Datasheet HTML 3Page - Linear Technology LTC3355 Datasheet HTML 4Page - Linear Technology LTC3355 Datasheet HTML 5Page - Linear Technology LTC3355 Datasheet HTML 6Page - Linear Technology LTC3355 Datasheet HTML 7Page - Linear Technology LTC3355 Datasheet HTML 8Page - Linear Technology LTC3355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3355
2
3355fb
For more information www.linear.com/LTC3355
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, VINS, VINM5 ........................................................22V
VIN ±VINS.................................................................. 0.1V
VSW1 .......................................................... –0.4V to 22V
VSW2 ............................................................ –0.4V to 6V
VOUT, INTVCC, PFOB, RSTB,
CPGOOD, VCAP............................................. –0.3V to 6V
PFI, EN_CHG, MODE, FB.............................. –0.3V to 6V
CFB ............................................–0.3V to INTVCC + 0.3V
ICPGOOD, IPFOB, IRSTB................................................1mA
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
20 19 18 17 16
6
7
8
TOP VIEW
21
GND
UF PACKAGE
20-LEAD (4mm
× 4mm) PLASTIC QFN
9 10
5
4
3
2
1
11
12
13
14
15
PFI
FB
MODE
VINS
VIN
VOUT
VCAP
RSTB
ICHG
CFB
TJMAX = 125°C, θJA = 47°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3355EUF#PBF
LTC3355EUF#TRPBF
3355
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LTC3355IUF#PBF
LTC3355IUF#TRPBF
3355
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com