Electronic Components Datasheet Search
  English  ▼

X  

LTC3355 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3355
Description  20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3355 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3355 Datasheet HTML 12Page - Linear Technology LTC3355 Datasheet HTML 13Page - Linear Technology LTC3355 Datasheet HTML 14Page - Linear Technology LTC3355 Datasheet HTML 15Page - Linear Technology LTC3355 Datasheet HTML 16Page - Linear Technology LTC3355 Datasheet HTML 17Page - Linear Technology LTC3355 Datasheet HTML 18Page - Linear Technology LTC3355 Datasheet HTML 19Page - Linear Technology LTC3355 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3355
20
3355fb
For more information www.linear.com/LTC3355
LINEAR TECHNOLOGY CORPORATION 2014
LT 0415 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3355
RELATED PARTS
TYPICAL APPLICATION
NiMH Trickle Charger and Ride-Through Backup Supply
R6
909k
R5
604k
C1
1µF
VINS
VIN
CCAP
1µF
CVIN*
10µF
CIN
10µF
1.4V
NiMH
2000mAhr
47µF
VOUT
3.3V
50mA (MAX)
VIN
5V
RS*
0.27
R7
931k
R8
200k
R1
316k
R2
100k
D2
D1
4
5
7
VINM5
6
PFI
BUCK
PFO
BOOST
SW1
L1
4.7µH
L2 3.3µH
200
15
VOUT
2
FB
14
VCAP
16
17
11
SW2
CFB
19
10
13
9
8
3
20
VCBST
IBSTPK
12
ICHG
LTC3355
PFOB
RSTB
CPGOOD
EN_CHG
MODE
*OPTIONAL
18
INTVCC
R3
499k
R4
499k
3355 TA03
RC
154k
CC
220pF
1
MICROPROCESSOR
24 HOURS
+
PART
NUMBER
DESCRIPTION
COMMENTS
LTC3225/
LTC3225-1
150mA Supercapacitor Charger
Low Noise, Constant Frequency Charging of Two Series Supercapacitors. Automatic
Cell Balancing Prevents Capacitor Overvoltage During Charging. Programmable Charge
Current (Up to 150mA). 2mm × 3mm DFN Package
LTC3226
2-Cell Supercapacitor Charger with Backup
PowerPath™ Controller
1×/2× Multimode Charge Pump Supercapacitor Charger Ideal Diode Main PowerPath™
Controller, Internal 2A LDO Back-Up Supply, 16-Lead (3mm × 3mm) QFN Package
LT3485
Photoflash Capacitor Chargers with Output
Voltage Monitor and Integrated IGBT Drive
Integrated IGBT Driver; Voltage Output Monitor; Uses Small Transformers: 5.8mm
× 5.8mm × 3mm. Operates from Two AA Batteries, Single Cell Li-Ion or Any Supply
from 1.8V Up to 10V. No Output Voltage Divider Needed; No External Schottky Diode
Required. Charges Any Size Photoflash Capacitor; 10-Lead (3mm × 3mm) DFN Package
LTC3625/
LTC3625-1
1A High Efficiency 2-Cell Supercapacitor
Charger with Automatic Cell Balancing
High Efficiency Step-Up/Step-Down Charging of Two Series Supercapacitors. Automatic
Cell Balancing Prevents Capacitor Overvoltage During Charging. Programmable
Charging Current Up to 500mA (Single Inductor), 1A (Dual Inductor). VIN = 2.7V to
5.5V, Low No-Load Quiescent Current: 23µA. 12-lead 3mm × 4mm DFN Package
LT®3750
Capacitor Charger Controller
Charges Any Size Capacitor; Easily Adjustable Output Voltage. Drives High Current
NMOS FETs; Primary-Side Sense—No Output Voltage Divider Necessary. Wide Input
Range: 3V to 24V; Drives Gate to VCC – 2V. 10-Lead MS Package
LT3751
High Voltage Capacitor Charger Controller with
Regulation
Charges Any Size Capacitor; Low Noise Output in Voltage Regulation Mode. Stable
Operation Under a No-Load Condition; Integrated 2A MOSFET Gate Driver with
Rail-to-Rail Operation for VCC ≤ 8V. Wide Input VCC Voltage Range
(5V to 24V). 20-Pin QFN 4mm × 5mm and 20-Lead TSSOP Packages
LTC4425
Supercapacitor Charger with Current Limited
Ideal Diode
Constant-Current/Constant-Voltage Linear Charger for 2-cell Series Supercapacitor
Stack. VIN: Li-Ion/Polymer Battery, a USB Port, or a 2.7V to 5.5V Current-Limited
Supply. 2A Charge Current, Auto Cell Balancing, 20µA Quiescent Current, Shutdown
Current <2µA. Low Profile 12-Pin 3mm × 3mm DFN or a 12-Lead MSOP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com