Electronic Components Datasheet Search
  English  ▼

X  

LTC3636 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3636
Description  Dual Channel 6A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3636 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3636 Datasheet HTML 9Page - Linear Technology LTC3636 Datasheet HTML 10Page - Linear Technology LTC3636 Datasheet HTML 11Page - Linear Technology LTC3636 Datasheet HTML 12Page - Linear Technology LTC3636 Datasheet HTML 13Page - Linear Technology LTC3636 Datasheet HTML 14Page - Linear Technology LTC3636 Datasheet HTML 15Page - Linear Technology LTC3636 Datasheet HTML 16Page - Linear Technology LTC3636 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3636/LTC3636-1
13
3636fb
For more information www.linear.com/LTC3636
APPLICATIONS INFORMATION
core loss, greater ESR loss in the output capacitor, and
larger output voltage ripple. Generally, highest efficiency
operation is obtained at low operating frequency with
small ripple current.
A reasonable starting point is to choose a ripple current
of 2.4A which is about 40% of IOUT(MAX). Exceeding 60%
of IOUT(MAX) is not recommended. Note that the largest
ripple current occurs at the highest VIN. To guarantee that
ripple current does not exceed a specified maximum, the
inductance should be chosen according to:
L =
VOUT
f • ΔIL(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟ 1–
VOUT
VIN(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
Once the value for L is known, the type of inductor must
be selected. Actual core loss is independent of core size
for a fixed inductor value, but is very dependent on the
inductance selected. As the inductance increases, core
losses decrease. Unfortunately, increased inductance
requires more turns of wire, leading to increased DCR
and copper loss.
Ferrite designs exhibit very low core loss and are pre-
ferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing satura-
tion. Ferrite core material saturates “hard”, which means
that inductance collapses abruptly when the peak design
current is exceeded. This results in an abrupt increase in
inductor ripple current, so it is important to ensure that
the core will not saturate.
Differentcorematerialsandshapeswillchangethesize/cur-
rent and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price versus size requirements
and any radiated field/EMI requirements. Table 1 gives a
sampling of available surface mount inductors.
Table 1. Inductor Selection Table
INDUCTANCE
(µH)
DCR
(mΩ)
MAX
CURRENT
(A)
DIMENSIONS
(mm)
HEIGHT
(mm)
Würth Electronik WE-HC 744312 Series
0.25
0.47
0.72
1.0
1.5
2.5
3.4
7.5
9.5
10.5
18
16
12
11
9
7 × 7.7
3.8
Vishay IHLP-2020BZ-01 Series
0.22
0.33
0.47
0.68
1
5.2
8.2
8.8
12.4
20
15
12
11.5
10
7
5.2 × 5.5
2
Toko FDVE0603 Series
0.33
0.47
0.68
0.75
1
2.7
3.7
6
6.2
8.5
15.9
15.6
10.4
10.9
9.5
7.4 × 6.7
3.0
Coilcraft XAL6030 Series
0.20
0.33
0.56
0.82
1.0
3.04
5.18
8
11.8
13.25
17.2
15.4
13.8
11.5
9.6
6.4 × 6.6
3
TDK SMP5030 Series
0.2
0.35
0.75
1
2.31
4.29
9.35
11.44
21
14.9
9.7
8.5
5.2 × 5
3
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the trapezoi-
dal wave current at the drain of the top power MOSFET.
To prevent large voltage transients from occurring, a low
ESRinputcapacitorsizedforthemaximumRMScurrentis
recommended. The maximum RMS current is given by:
IRMS = IOUT(MAX)
VOUT VIN − VOUT
(
)
VIN
This formula has a maximum at VIN = 2VOUT, where
IRMS ≅ IOUT/2. This simple worst case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that ripple current ratings
from capacitor manufacturers are often based on only
2000 hours of life which makes it advisable to further de-
rate the capacitor, or choose a capacitor rated at a higher
temperature than required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com