Electronic Components Datasheet Search
  English  ▼

X  

LTC3636 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3636
Description  Dual Channel 6A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3636 Datasheet(HTML) 2 Page - Linear Technology

  LTC3636 Datasheet HTML 1Page - Linear Technology LTC3636 Datasheet HTML 2Page - Linear Technology LTC3636 Datasheet HTML 3Page - Linear Technology LTC3636 Datasheet HTML 4Page - Linear Technology LTC3636 Datasheet HTML 5Page - Linear Technology LTC3636 Datasheet HTML 6Page - Linear Technology LTC3636 Datasheet HTML 7Page - Linear Technology LTC3636 Datasheet HTML 8Page - Linear Technology LTC3636 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3636/LTC3636-1
2
3636fb
For more information www.linear.com/LTC3636
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2 ................................................... –0.3V to 22V
PGOOD1, PGOOD2..................................... –0.3V to 22V
BOOST1-SW1, BOOST2-SW2 ................... –0.3V to 3.6V
TRACKSS1, TRACKSS2 ............................ –0.3V to 3.6V
ITH1, ITH2, RT, MODE/SYNC........–0.3V to INTVCC + 0.3V
VFB1, VFB2, TMON. ......................–0.3V to INTVCC + 0.3V
RUN1, RUN2.............................................. –0.3V to 22V
Operating Junction Temperature Range
(Notes 3, 4)............................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3636IUFD#PBF
LTC3636IUFD#TRPBF
3636
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3636EUFD#PBF
LTC3636EUFD#TRPBF
3636
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3636IUFD-1#PBF
LTC3636IUFD-1#TRPBF
36361
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3636EUFD-1#PBF
LTC3636EUFD-1#TRPBF
36361
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
9 10
TOP VIEW
UFD PACKAGE
VARIATION: AA
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
ITH1
RUN1
MODE/SYNC
RT
INTVCC
TMON
RUN2
ITH2
VIN1
VIN1
SW1
GND
GND
SW2
VIN2
VIN2
7
17
18
19
20
21
22
16
8
15
29
INTVCCT
34
SW2T
31
GNDT
33
SW1T
32
GNDT
30
GNDT
TJMAX = 125°C, θJA = 21°C/W, θJC = 7°C/W
θJA DERIVED FROM 6-LAYER PCB DC2335 DEMO BOARD
(Note 1)
http://www.linear.com/product/LTC3636#orderinfo
Selection Table
PART NUMBER
VOUT SENSE RANGE
LTC3636
0.6V to 5V
LTC3636-1
1.8V to 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com