Electronic Components Datasheet Search
  English  ▼

X  

LTC3636 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3636
Description  Dual Channel 6A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3636 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3636 Datasheet HTML 16Page - Linear Technology LTC3636 Datasheet HTML 17Page - Linear Technology LTC3636 Datasheet HTML 18Page - Linear Technology LTC3636 Datasheet HTML 19Page - Linear Technology LTC3636 Datasheet HTML 20Page - Linear Technology LTC3636 Datasheet HTML 21Page - Linear Technology LTC3636 Datasheet HTML 22Page - Linear Technology LTC3636 Datasheet HTML 23Page - Linear Technology LTC3636 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC3636/LTC3636-1
20
3636fb
For more information www.linear.com/LTC3636
APPLICATIONS INFORMATION
which is below the maximum junction temperature of
125°C. With higher ambient temperatures, a heat sink or
cooling fan should be considered to drop the junction-to-
ambient thermal resistance.
Remembering that the above junction temperature is
obtained from an RDS(ON) at 50°C, we might recalculate
the junction temperature based on a higher RDS(ON) since
it increases with temperature. Redoing the calculation
assuming that RSW increased 15% at 87°C yields a new
junction temperature of 92°C. If the application calls for a
higher ambient temperature and/or higher load currents,
care should be taken to reduce the temperature rise of the
part by using a heat sink or air flow.
Figure 7 is a temperature derating curve based on the
DC2335 demo board (QFN package). It can be used to
estimate the maximum allowable ambient temperature
for given DC load currents in order to avoid exceeding
the maximum operating junction temperature of 125°C.
Figure 7. Temperature Derating Curve for DC2335 Demo Circuit
2) The output capacitor, COUT, and inductor L should be
closely connected to minimize loss. The (–) plate of
COUT should be closely connected to both GND and
the (–) plate of CIN.
3) The resistive divider, (e.g. R1 to R4 in Figure 8) must be
connected between the (+) plate of COUT and a ground
line terminated near GND. The feedback signal VFB
should be routed away from noisy components and
traces, such as the SW line, and its trace length should
be minimized. Keep R1 and R2 close to the IC.
4) Keep sensitive components away from the SW pin. The
RTresistor,thecompensationcomponents,thefeedback
resistors, and the INTVCC bypass capacitor should all
be routed away from the SW trace and the inductor L.
5) A ground plane is preferred.
6) Flood all unused areas on all layers with copper in order
to reduce the temperature rise of power components.
Thesecopperareasshouldbeconnectedtotheexposed
backside of the package (GND).
Refer to Figure 9 for board layout examples.
Design Example
As a design example, consider using the LTC3636/
LTC3636-1 in an application with the following specifi-
cations: VIN(MAX) = 13.2V, VOUT1 = 1.8V, VOUT2 = 3.3V,
IOUT(MAX) = 6A, IOUT(MIN) = 10mA, f = 2MHz, VDROOP ~
(5% • VOUT). The following discussion will use equations
from the previous sections.
Because efficiency is important at both high and low load
current, Burst Mode operation will be utilized.
First, the correct RT resistor value for 2MHz switching fre-
quency must be chosen. Based on the equation discussed
earlier, RT should be 160k; the closest standard value is
162k. RT can be tied to INTVCC if switching frequency
accuracy is not critical.
Next, determine the channel 1 inductor value for about
40% ripple current at maximum VIN:
L1=
1.8V
2MHz • 2.4A
⎛
⎝
⎜
⎞
⎠
⎟ 1−
1.8V
13.2V
⎛
⎝
⎜
⎞
⎠
⎟ = 0.32µH
VIN = 12V
VOUT1 = 1.8V
VOUT2 = 3.3V
fSW = 1MHz
CH1 LOAD = 0A
CH1 LOAD = 2A
CH1 LOAD = 4A
CH1 LOAD = 6A
MAXIMUM ALLOWABLE AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
3636 F07
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3636/LTC3636-1. Check the following in your layout:
1) Do the input capacitors connect to the VIN and GND
pins as close as possible? These capacitors provide
the AC current to the internal power MOSFETs and their
drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com