Electronic Components Datasheet Search
  English  ▼

X  

AS2540Q Datasheet(PDF) 4 Page - ams AG

Part # AS2540Q
Description  Remote Controlled Single-Chip-Telephone
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540Q Datasheet(HTML) 4 Page - ams AG

  AS2540Q Datasheet HTML 1Page - ams AG AS2540Q Datasheet HTML 2Page - ams AG AS2540Q Datasheet HTML 3Page - ams AG AS2540Q Datasheet HTML 4Page - ams AG AS2540Q Datasheet HTML 5Page - ams AG AS2540Q Datasheet HTML 6Page - ams AG AS2540Q Datasheet HTML 7Page - ams AG AS2540Q Datasheet HTML 8Page - ams AG AS2540Q Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 4 of 18
Functional Description
Modes of operation
There are 4 possible modes:
Idle Mode
Manual hook-switch and electronic hook-switch (e.g. relay)
is open (MHS
∩ EHS = logical 0), no ring signal is applied,
the oscillator is stopped, signalling via the serial interface
is not possible.
Ringing Mode
AS2540 is supplied via the ring capacitor and external
path, manual hook -switch and electronic hook-switch is
open (MHS
∩ EHS = logical 0), the oscillator is running, a
valid incoming ringing is signalled via the serial interface to
the CPU. If the CPU does not reply the AS2540 switches
into backup mode and sends a ring melody to the MO
output.
Backup Mode
Manual hook-switch and/or electronic hook-switch is closed
(MHS
∪ EHS = logical 1), AS2540 is supplied with line
current, the oscillator is running, the keyscan is enabled
and the handset path is switched on, signalling via the
serial interface is possible. After AS2540 has started
dialling in backup mode, he must not be interrupted any
more in order to ensure consistent dialling. A mode
transition BM -> MPM is only possible before AS2540 has
started dialling digits independently.
Main Power Mode
Manual hook-switch and/or electronic hook-switch is
closed, AS2540 is supplied with line current (MHS
∪ EHS
= logical 1), the oscillator is running, the keyscan is
disabled, AS2540 is controlled via the serial interface,
handset path or monitor path or modem path is on,
signalling via the serial interface is possible.
Select Operation Mode
Command Message
Switches ON
Switches OFF
<SetHandsetPath>
SROH
SROT & STIT
<SetModemPath>
SROT & STIT
<SetMonitorPath>
SROH & SROT
STIT
Example Main Power Mode
LS
ROH
ROT
M1
M2
TIT
AGND
Line
LI
RI
STB
CS
CI
DPn
C1
C2
C3
R1
R2
MODE
RFD
-2dB
+6dB
+2dB
Mask
DTMF-
generator
DIALLER
UART
MO
RxD
TxD
VDD
EHS
MHS
VSS
OSC
Start-up in backup mode
As soon as AS2540 is supplied with line current, the
external Vdd capacitor will be charged up via the LI and
VDD pin and after the Vdd voltage has reached the
operating level, the handset path of the speech circuit is
switched on. This off-hook status is also signalled to the
internal logic via the MHS or EHS pin in order to start the
pinscan and subsequently set the country specific modes.
Additionally a <LineEvent> message is sent to the CPU.
Start-up in ring mode
When a ringing signal is applied to the line, Vdd of AS2540
is charged up via an external path. After Vdd has reached
the operating voltage the oscillator starts and AS2540
discriminates the ring frequency. After a valid ring
frequency is applied on the RFD pin, the logic sends a
<LineEvent> message is sent to the CPU and a watchdog
timer is started. When the <LineEvent> message is not quit
by the CPU before the watchdog timer has finished the
countdown, AS2540 changes into backup mode and sends
out a melody via the MO pin.
DC conditions
The normal operating mode is from 15mA to 100mA. An
operating mode with reduced performance is from 5mA to
15mA. In the line hold range from 0mA to 5mA the device
is in a power down mode and the voltage at LI is reduced
to a maximum of 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com