Electronic Components Datasheet Search
  English  ▼

X  

AS2540Q Datasheet(PDF) 6 Page - ams AG

Part # AS2540Q
Description  Remote Controlled Single-Chip-Telephone
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540Q Datasheet(HTML) 6 Page - ams AG

Back Button AS2540Q Datasheet HTML 2Page - ams AG AS2540Q Datasheet HTML 3Page - ams AG AS2540Q Datasheet HTML 4Page - ams AG AS2540Q Datasheet HTML 5Page - ams AG AS2540Q Datasheet HTML 6Page - ams AG AS2540Q Datasheet HTML 7Page - ams AG AS2540Q Datasheet HTML 8Page - ams AG AS2540Q Datasheet HTML 9Page - ams AG AS2540Q Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 6 of 18
Serial interface
The communication principle is derived from a standard UART:
-
Baud Rate
9600
-
Start Bit
1
-
Data Bits
8
-
Parity
None
-
Stop Bit
1
-
LSB is transferred prior to MSB
Rx - messages
Message Format
X
MSB
X
d5
d4
d3
d2
d1
1
LSB
d7
d6
d5
d4
d3
d2
d1
d0
DTMF-dial message
Notes
xx
01010
1
Digit 0
Starts DTMF dialling of digit
xx
00001
1
Digit 1
Starts DTMF dialling of digit
xx
00010
1
Digit 2
Starts DTMF dialling of digit
xx
00011
1
Digit 3
Starts DTMF dialling of digit
xx
00100
1
Digit 4
Starts DTMF dialling of digit
xx
00101
1
Digit 5
Starts DTMF dialling of digit
xx
00110
1
Digit 6
Starts DTMF dialling of digit
xx
00111
1
Digit 7
Starts DTMF dialling of digit
xx
01000
1
Digit 8
Starts DTMF dialling of digit
xx
01001
1
Digit 9
Starts DTMF dialling of digit
xx
01011
1
Digit *
Starts DTMF dialling of digit
xx
00000
1
Digit #
Starts DTMF dialling of digit
xx
01100
1
Digit A
Starts DTMF dialling of digit
xx
01101
1
Digit B
Starts DTMF dialling of digit
xx
01110
1
Digit C
Starts DTMF dialling of digit
xx
01111
1
Digit D
Starts DTMF dialling of digit
xx
10000
1
KeyReleased
Stops Dialling
d7
d6
d5
d4
d3
d2
d1
d0
Pin-Control message
Notes
xx
10110
1
SetDPn_HIGH
Release pin Dpn (open drain)
xx
10001
1
SetDPn_LOW
Force pin DPn = VSS
xx
10010
1
SetMask
Force LI-Voltage to 1.2 V
xx
10011
1ResetMask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com