Electronic Components Datasheet Search
  English  ▼

X  

AS2540Q Datasheet(PDF) 5 Page - ams AG

Part # AS2540Q
Description  Remote Controlled Single-Chip-Telephone
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540Q Datasheet(HTML) 5 Page - ams AG

  AS2540Q Datasheet HTML 1Page - ams AG AS2540Q Datasheet HTML 2Page - ams AG AS2540Q Datasheet HTML 3Page - ams AG AS2540Q Datasheet HTML 4Page - ams AG AS2540Q Datasheet HTML 5Page - ams AG AS2540Q Datasheet HTML 6Page - ams AG AS2540Q Datasheet HTML 7Page - ams AG AS2540Q Datasheet HTML 8Page - ams AG AS2540Q Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 5 of 18
The DC characteristic is determined by the voltage at LI
pin and a 30
Ω resistor between LI and LS pin. It can be
calculated by the following equation: VLS = VLI + ILine *
30
Ω. The t.m. voltage at the LI pin is 4.5V. The calculation
leads to the following DC resistances: 330
Ω to 75Ω at line
currents from 15mA to 100mA.
2/4 wire conversion
AS2540 has a built-in dual Wheatstone bridge with one
common ground. This provides a maximum of
independence of AC impedance and side tone from each
other. One can adapt side tone without changing the AC
impedance.
A1=3.4/3.5
A2=-0.4
AC impedance
The ac impedance of AS2540 is set to t.m. 1000
Ω. With
the external capacitor at CI pin it can be programmed
complex. With a parallel impedance at the LS pin it can be
programmed to 600
Ω.
Side Tone
A good sidetone cancellation can be achieved by using the
following equation:
ZBAL/ZLINE = 10
Transmit path
The gain of the M1/M2 —> LS transmit path is set to 38dB
for ac-impedance 1000
Ω. The input is differential with an
impedance of 25k
Ω. The soft clip circuit limits the output
voltage at LS to 2Vp. The attack time is 30µs/6dB and the
decay time is 20ms/6dB.
The gain of the TIT —> LS transmit path is set to 8dB for
ac-impedance 1000
Ω. The input is single ended with an
impedance of 25k
Ω. The soft clip circuit is not active for
this input. The dynamic range of this path is 2.5Vp at LS.
Receive path
The gain of the LS —> ROH receive path is set to 2dB for
ac-impedance 1000
Ω. The receive input is the differential
signal of RI and STB. During DTMF dialling a MF comfort
tone is applied to ROH which is -30dB relative to the line
level. The soft clip circuit limits the output voltage at ROH
to 1Vp. It prevents harsh distortion and acoustic shock.
The gain of the LS —> ROT receive path is set to 0dB for
ac-impedance 1000
Ω. The receive input is the differential
signal of RI and STB. The soft clip circuit is not active for
this output.
Modescan
The DTMF-level on the line and the function of the line loss
compensation can be selected with the connection of the
MODE-pin to the keyboard matrix. The MODE-pin is
scanned once after each OFF-Hook transition.
R1
1
PIN
C1
2
3
R2
4
5
6
7
8
9
*
0
#
PIN
C2
PIN
C3
PIN
R1
PIN
R2
PIN
MODE
c1
C2
C3
C3
C2
C1
R2
R1
LLC
Dtmf Level
45mA-75mA
-6dBm
XX
45mA-75mA
-8dBm
X
45mA-75mA
-10dBm
X
20mA-50mA
-6dBm
X
20mA-50mA
-8dBm
XX
20mA-50mA
-10dBm
XX
No LLC
-6dBm
XX
No LLC
-8dBm
XX
X
No LLC
-10dBm
X indicates connection to pin mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com