Electronic Components Datasheet Search
  English  ▼

X  

MP4000DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4000DS
Description  350mA Off-Line WLED Driver Evalvation Board For 90-140VAC Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4000DS Datasheet HTML 1Page - Monolithic Power Systems MP4000DS Datasheet HTML 2Page - Monolithic Power Systems MP4000DS Datasheet HTML 3Page - Monolithic Power Systems MP4000DS Datasheet HTML 4Page - Monolithic Power Systems MP4000DS Datasheet HTML 5Page - Monolithic Power Systems MP4000DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV4000DS-00D – 350mA LOW LINE INPUT WLED DRIVER
EV4000DS-00D Rev.1.0
www.MonolithicPower.com
2
12/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Efficiency
INPUT VOLTAGE (VAC)
60
70
80
90
100
90
100
110
120
130
140
12LED
3LED
EVALUATION BOARD SCHEMATIC
_
L
N
LED-
LED+
+
AC Input
90 - 140VAC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com