Electronic Components Datasheet Search
  English  ▼

X  

MP4000DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4000DS
Description  350mA Off-Line WLED Driver Evalvation Board For 90-140VAC Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4000DS Datasheet HTML 1Page - Monolithic Power Systems MP4000DS Datasheet HTML 2Page - Monolithic Power Systems MP4000DS Datasheet HTML 3Page - Monolithic Power Systems MP4000DS Datasheet HTML 4Page - Monolithic Power Systems MP4000DS Datasheet HTML 5Page - Monolithic Power Systems MP4000DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV4000DS-00D
350mA Off-Line WLED Driver
Evalvation Board For 90-140VAC Input
EV4000DS-00D Rev.1.0
www.MonolithicPower.com
1
12/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV4000DS-00D is an evaluation board for
the MP4000. The EV4000DS-00D is a high
efficiency step-down converter designed for
driving high brightness Light Emitting Diodes
(LEDs).
The EV4000DS-00D can supply a maximum
output current of 350mA to drive 10 to 40V LED
strings from a wide input voltage 90 to 140VAC
with 50/60Hz.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VAC
90 – 140
V
Output Voltage
VOUT
10 – 40
V
Output Current
IOUT
350
mA
FEATURES
• Constant-current LED Driver
• Power MOSFET Zero-Current Turn On
• High Efficiency and Reliability in Boundary
Mode Operation
• Low 0.9mA Operation Current
• PWM or DC Input Burst Dimming Control
• Hiccup Short Circuit Protection
• UVLO, Thermal Shutdown
• Maximum Frequency is Limited to 110kHz
• Available in SOIC8 Package
APPLICATIONS
• DC/DC or AC/DC LED Driver Application
• General Illumination
• Industrial LED Lighting
• LED Light
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology”, are Registered
Trademarks of Monolithic Power Systems, Inc.
Warning:
Although this board is designed to satisfy safety
requirements, the engineering prototype has not been agency
approved. Therefore, all testing should be performed using an
isolation transformer to provide the AC input to the prototype
board.
EV4000DS-00D EVALUATION BOARD
FRONT
BACK
(L x W x H) 2.4” x 1.2” x 0.5”
Board Number
MPS IC Number
EV4000DS-00D
MP4000DS


Similar Part No. - MP4000DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4000DS MPS-MP4000DS Datasheet
557Kb / 12P
Offline High Brightness White LED Driver Controller
More results

Similar Description - MP4000DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
logo
List of Unclassifed Man...
HV9910DB2 ETC2-HV9910DB2 Datasheet
815Kb / 4P
Off-Line, High Brightness, SED Driver Demo Board
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
WLED Driver for Notebooks
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
WLED DRIVER FOR NOTEBOOK DISPLAY
logo
Monolithic Power System...
EV4033-K-00B MPS-EV4033-K-00B Datasheet
450Kb / 14P
108VAC~132VAC/60Hz, 24V/350mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
EV4034-S-00D MPS-EV4034-S-00D Datasheet
434Kb / 15P
85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
EV4050A-S-00A MPS-EV4050A-S-00A Datasheet
447Kb / 10P
Universal Input, 40V/115mA Off-line Non-isolated LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com