Electronic Components Datasheet Search
  English  ▼

X  

MP4000DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4000DS
Description  350mA Off-Line WLED Driver Evalvation Board For 90-140VAC Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000DS Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP4000DS Datasheet HTML 1Page - Monolithic Power Systems MP4000DS Datasheet HTML 2Page - Monolithic Power Systems MP4000DS Datasheet HTML 3Page - Monolithic Power Systems MP4000DS Datasheet HTML 4Page - Monolithic Power Systems MP4000DS Datasheet HTML 5Page - Monolithic Power Systems MP4000DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV4000DS-00D – 350mA LOW LINE INPUT WLED DRIVER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV4000DS-00D Rev.1.0
www.MonolithicPower.com
6
12/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
QUICK START GUIDE
1. Turn off the AC Power Supply.
2. Connect the LED string between “+” (anode of LED string) and “-“ (cathode of LED string).
3. Connect the AC input voltage between the AC input terminal (“N” and “L”) as shown on the board.
4. Set the AC Power Supply to 90V
≤ AC input ≤ 140V.
5. Turn Power Supply on after making connections.
CAUTION:
There is no galvanic isolation on the EVB board. Be careful when doing the test. To prevent damage to
equipments and EVB board, isolation is suggested to either the test equipments or the EVB board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com