Electronic Components Datasheet Search
  English  ▼

X  

ADM4850 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM4850
Description  5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4850 Datasheet(HTML) 5 Page - Analog Devices

  ADM4850 Datasheet HTML 1Page - Analog Devices ADM4850 Datasheet HTML 2Page - Analog Devices ADM4850 Datasheet HTML 3Page - Analog Devices ADM4850 Datasheet HTML 4Page - Analog Devices ADM4850 Datasheet HTML 5Page - Analog Devices ADM4850 Datasheet HTML 6Page - Analog Devices ADM4850 Datasheet HTML 7Page - Analog Devices ADM4850 Datasheet HTML 8Page - Analog Devices ADM4850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM4850–ADM4857
Rev. 0 | Page 5 of 16
ADM4852/ADM4856 TIMING SPECIFICATIONS
V = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
2.5
Mbps
Propagation Delay tPLH, tPHL
50
180
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Skew tSKEW
50
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Rise/Fall Time tR, tF
140
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Enable Time
180
ns
RL = 500 Ω, CL = 100 pF, Figure 7, ADM4852
Disable Time
180
ns
RL = 500 Ω, CL = 15 pF, Figure 7, ADM4852
Enable Time from Shutdown
4000
ns
RL =500 Ω, CL = 100 pF, Figure 7, ADM4852
RECEIVER
Propagation Delay tPLH, tPHL
55
190
ns
CL = 15 pF, Figure 8
Differential Skew tSKEW
50
ns
CL = 15 pF, Figure 8
Enable Time
5
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4852
Disable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4852
Enable Time from Shutdown
4000
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4852
Time to Shut Down
50
330
3000
ns
ADM48521
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.
ADM4853/ADM4857 TIMING SPECIFICATIONS
V = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
10
Mbps
Propagation Delay tPLH, tPHL
0
30
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Skew tSKEW
10
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Rise/Fall Time tR, tF
30
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Enable Time
35
ns
RL = 500 Ω, CL = 100 pF, Figure 7, ADM4853
Disable Time
35
ns
RL = 500 Ω, CL = 15 pF, Figure 7, ADM4853
Enable Time from Shutdown
4000
ns
RL = 500 Ω, CL = 100 pF, Figure 7, ADM4853
RECEIVER
Propagation Delay tPLH, tPHL
55
190
ns
CL = 15 pF, Figure 8
Differential Skew tSKEW
30
ns
CL = 15 pF, Figure 8
Enable Time
5
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4853
Disable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4853
Enable Time from Shutdown
4000
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4853
Time to Shut Down
50
330
3000
ns
ADM48531
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com