Electronic Components Datasheet Search
  English  ▼

X  

ADM4850 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM4850
Description  5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4850 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM4850 Datasheet HTML 3Page - Analog Devices ADM4850 Datasheet HTML 4Page - Analog Devices ADM4850 Datasheet HTML 5Page - Analog Devices ADM4850 Datasheet HTML 6Page - Analog Devices ADM4850 Datasheet HTML 7Page - Analog Devices ADM4850 Datasheet HTML 8Page - Analog Devices ADM4850 Datasheet HTML 9Page - Analog Devices ADM4850 Datasheet HTML 10Page - Analog Devices ADM4850 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM4850–ADM4857
Rev. 0 | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RO
1
VCC
8
DI
4
GND
5
ADM4850/
ADM4851/
ADM4852/
ADM4853
TOP VIEW
(Not to Scale)
RE
2
B
7
DE
A
6
3
Figure 2. ADM4850–ADM4853 Pin Configuration
Table 8. ADM4850–ADM4853 Pin Descriptions
Pin No.
Mnemonic
Description
1
RO
Receiver Output. When enabled, if (A−B) ≥ −30 mV, then RO = high.
If (A−B) ≤ −200 mV, then RO = low.
2
RE
Receiver Output Enable.
A low level enables the receiver output, RO.
A high level places it in a high impedance state.
3
DE
Driver Output Enable. A high level enables the driver differential inputs A and B.
A low level places it in a high impedance state.
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high,
while a logic high on DI forces A high and B low.
5
GND
Ground.
6
A
Noninverting Receiver Input A/Driver Output A.
7
B
Inverting Receiver Input B/Driver Output B.
8
VCC
5 V Power Supply.
VCC 1
A
8
GND
4
Y
5
ADM4854/
ADM4855/
ADM4856/
ADM4857
TOP VIEW
(Not to Scale)
RO
2
B
7
DI
Z
6
3
Figure 3. ADM4854–ADM4857 Pin Configuration
Table 9. ADM4854–ADM4857 Pin Descriptions
Pin No.
Mnemonic
Description
1
VCC
5 V Power Supply.
2
RO
Receiver Output. When enabled, if (A−B) ≥ −30 mV, then RO = high.
If (A−B) ≤ −200 mV, then RO = low.
3
DI
Driver Input. When the driver is enabled, a logic low on DI forces Y low and Z high,
while a logic high on DI forces Y high and Z low.
4
GND
Ground.
5
Y
Driver Noninverting Output.
6
Z
Driver Inverting Output.
7
B
Receiver Inverting Input.
8
A
Receiver Noninverting Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com