Electronic Components Datasheet Search
  English  ▼

X  

ADM4850 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM4850
Description  5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4850 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM4850 Datasheet HTML 5Page - Analog Devices ADM4850 Datasheet HTML 6Page - Analog Devices ADM4850 Datasheet HTML 7Page - Analog Devices ADM4850 Datasheet HTML 8Page - Analog Devices ADM4850 Datasheet HTML 9Page - Analog Devices ADM4850 Datasheet HTML 10Page - Analog Devices ADM4850 Datasheet HTML 11Page - Analog Devices ADM4850 Datasheet HTML 12Page - Analog Devices ADM4850 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM4850–ADM4857
Rev. 0 | Page 9 of 16
SWITCHING CHARACTERISTICS
3V
0V
5V
0V
A
B
VO
tR
tF
tPLH
tPHL
90% POINT
10% POINT
90% POINT
10% POINT
tSKEW = |tPLH –tPHL|
1/2VO
1.5V
1.5V
Figure 10. Driver Propagation Delay, Rise/Fall Timing
tSKEW = |tPLH –tPHL|
1.5V
1.5V
tPLH
tPHL
RO
VOH
0V
A, B
0V
VOL
Figure 11. Receiver Propagation Delay
A, B
A, B
DE
3V
0V
0V
VOH
VOL
1.5V
tLZ
tZL
1.5V
tHZ
tZH
2.3V
2.3V
VOL +0.5V
VOH –0.5V
Figure 12. Driver Enable/Disable Timing
R
R
RE
3V
0V
0V
VOH
VOL
1.5V
tLZ
tZL
1.5V
tHZ
tZH
1.5V
1.5V
VOL +0.5V
VOH –0.5V
O/P HIGH
O/P LOW
Figure 13. Receiver Enable/Disable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com