Electronic Components Datasheet Search
  English  ▼

X  

MP4033GK Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4033GK
Description  108VAC~132VAC/60Hz, 24V/350mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4033GK Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4033GK Datasheet HTML 1Page - Monolithic Power Systems MP4033GK Datasheet HTML 2Page - Monolithic Power Systems MP4033GK Datasheet HTML 3Page - Monolithic Power Systems MP4033GK Datasheet HTML 4Page - Monolithic Power Systems MP4033GK Datasheet HTML 5Page - Monolithic Power Systems MP4033GK Datasheet HTML 6Page - Monolithic Power Systems MP4033GK Datasheet HTML 7Page - Monolithic Power Systems MP4033GK Datasheet HTML 8Page - Monolithic Power Systems MP4033GK Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EV4033-K-00B – LOW LINE VOLTAGE, 8W PSR WITH PFC DIMMABLE LED DRIVER
EV4033-K-00B Rev.1.0
www.MonolithicPower.com
2
10/20/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV4033-K-00B EVALUATION BOARD
(L x W x H) 62mm x 25mm x 23mm
Board Number
MPS IC Number
EV4033-K-00B
MP4033GK
EVALUATION BOARD SCHEMATIC
22nF/630V
C1
499k/1206
R1
TVR10241
RV1
2.2nF/250V
CY1
F1
250V/1A
20/1W
R13
20/1W
R12
68nF/450V
C3
330nF/250V
C2
330/2W
R5
BD1
MB6S
470nF/25V
C6
D3
RLZ TE-11 18D
D1
S1ML
1
2
3mH/0.21A
L1
1
Q3
CED830G
500V/4.5A
1M/1%/0.25W
R2
470k/0.5W
R3
1kV/1A
2
1
6
AUX+
B
W
RM6
T1
L3
N1
108VAC-132VAC
Np:Ns:Naux=84:24:22
Lp=1.42mH
4.7nF/50V
C11
BAV21W
D5
7.5k/1%
R17
22uF/50V
C13
4.12k/1%
R18
20k/1%
R16
2.2uF/10V
C10
1.5/1%/1206
R19
300m/1%/1206
R20
D10
1N4148W
200V/0.2A
MULT
1
ZCD
2
VCC
3
DAMP
4
DIM
5
D
6
S
7
NTC
8
GND
9
COMP
10
U1
MP4033K
NTC1
220K
75V/0.15A
16.82V/10mA
100nF/450V
C4
20/1206
R10
D6
1N4148W
75V/0.15A
51
R7
LED+
LED-
2k/1206
R14
100V/1A
D9
B1100
30k
R9
10k
R4
20k
R11
22uF/50V
C9
D2
1N4148
BZT52C2V4
D4
BZT52C4V7
D8
330uF/35V
C7
3
2
Q1
AM2340NE/SOT23
BAV21W
D7
200V/0.2A
2.4V/5mA
4.7V/5mA
40V/5.2A
30k/1206
R6
Output: 24V/350mA
510/2W
R8
1
Q2
SSN1N45BTA
450V/0.5A
10nF/50V
C8
330uF/35V
C5
4.7nF/25V
C12
1k
R15
Option 2
Option 1
Figure 1—Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com